Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21592 Datasheet(PDF) 9 Page - International Rectifier

Part # IR21592
Description  DIMMING BALLAST CONTROL IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21592 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR21592 Datasheet HTML 5Page - International Rectifier IR21592 Datasheet HTML 6Page - International Rectifier IR21592 Datasheet HTML 7Page - International Rectifier IR21592 Datasheet HTML 8Page - International Rectifier IR21592 Datasheet HTML 9Page - International Rectifier IR21592 Datasheet HTML 10Page - International Rectifier IR21592 Datasheet HTML 11Page - International Rectifier IR21592 Datasheet HTML 12Page - International Rectifier IR21592 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
IR21592/IR21593(S) &(PbF)
www.irf.com
9
External Components Selection Procedure
(Note:
Please refer to
"Typical Connection"
diagram, page 1)
Calculate RCS
PK
IGN
CS
I
R
6
.
1
=
RCS sets the maximum ignition current
which corresponds to the maximum
ignition voltage across the lamp.
RCS
IIGN
VIGN
Select RFMIN
Use Graph 1 or Graph 2
The minimum operating frequency must
be lower than f100% of fIGN (whichever is
lower). RFMIN also programs IMIN and IIPH,
so RFMIN must be set first.
RFMIN
fMIN
BEGIN
Calculate RPULL-UP
QCCUV
ON
TURN
UP
PULL
I
VAC
R
=
Set RVAC and RVDC such that the voltage
on pin VDC will exceed 5.1 volts at the
desired line turn-on voltage.
RVDC
VACTURN-ON
Calculate RVDC
O
N
TUR
N
VA
C
O
N
TUR
N
VD
C
VAC
R
VAC
R


=
1
.
5
1
1
.
5
The voltage at pin IPH is the reference
for amplitude current control during
preheat mode. RIPH must be set after
RFMIN.
RIPH
IPH
VPH
Select & Calculate RIPH
Use Graph 8 to find IIPH,
then calculate RIPH:
IP
H
C
S
P
H
IP
H
I
R
I
R
PK
=
Calculate CCPH
()
PH
CPH
t
e
C
7
6
.
2
=
During preheat, an internal 1.3
µA
current source at pin CPH charges
external capacitor CCPH. Preheat
mode ends when VCPH exceeds 5.1
volts.
CCPH
tPH
Calculate
ϕMIN (Equations 8 & 9)
RMIN sets the lower phase boundary
corresponding to minimum lamp
power when VDIM = 0 volts. RMIN must
be set after RFMIN.
RMIN
ϕMIN
PLAMP
Calculate RMAX
Use Equation 15
RMAX
ϕMAX PLAMP
RMAX sets the upper phase boundary
corresponding to maximum lamp power
when VDIM = 5 volts. RMAX must be set
after RFMIN and RMIN.
Find VMIN (Graph 9)
Find IMIN (Graph 3)
MIN
MIN
MIN
I
V
R
=
Calculate RMIN


Similar Part No. - IR21592

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
IR21592 IRF-IR21592 Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
IR21592 IRF-IR21592 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
More results

Similar Description - IR21592

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
461Kb / 23P
   DIM8TM DIMMING BALLAST CONTROL IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com