Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX322ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX322ESA
Description  Precision, Dual-Supply, SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX322ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX322ESA Datasheet HTML 1Page - Maxim Integrated Products MAX322ESA Datasheet HTML 2Page - Maxim Integrated Products MAX322ESA Datasheet HTML 3Page - Maxim Integrated Products MAX322ESA Datasheet HTML 4Page - Maxim Integrated Products MAX322ESA Datasheet HTML 5Page - Maxim Integrated Products MAX322ESA Datasheet HTML 6Page - Maxim Integrated Products MAX322ESA Datasheet HTML 7Page - Maxim Integrated Products MAX322ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Precision, Dual-Supply, SPST
Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(V+ = +5V ±10%, V- = -5V ±10%, VINH = 3.5V, VINL = 2.5V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Input Current with Input
Voltage High
IINH
-0.5
0.005
0.5
µA
CONDITIONS
Input Current with Input
Voltage Low
IINL
-0.5
0.005
0.5
µA
Turn-On Time
tON
65
150
ns
Charge Injection
(Note 3)
Q
25
pC
CL = 1.0nF, VGEN = 0V,
RGEN = 0Ω, Figure 4
TA = +25°C
TA = TMIN to TMAX
175
VCOM = ±3V, Figure 2
TA = +25°C
TA = TMIN to TMAX
150
VCOM = ±3V, Figure 2
Turn-Off Time
tOFF
35
100
ns
Power-Supply Range
MAX322 only, RL = 300Ω, CL = 35pF, Figure 3
Break-Before-Make
Time Delay (Note 3)
tD
25
ns
TA = +25°C
TA = +25°C
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 5
Off Isolation (Note 7)
OIRR
72
dB
TA = +25°C
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 6
Crosstalk (Note 8)
85
dB
TA = +25°C
f = 1MHz, Figure 7
NC or NO Capacitance
C(OFF)
9
pF
TA = +25°C
f = 1MHz, Figure 7
COM Off Capacitance
CCOM(OFF)
9
pF
TA = +25°C
f = 1MHz, Figure 8
COM On Capacitance
CCOM(ON)
pF
±2.7
±8
V
Positive Supply Current
22
I+
V+ = 5.5V, V- = -5.5V,
VIN = 0V or V+,
all channels on or off
TA = TMIN to TMAX
-200
200
µA
Negative Supply
Current
I-
V+ = 5.5V, V- = -5.5V,
VIN = 0V or V+,
all channels on or off
TA = +25°C
-125
80
125
µA
Note 2:
The algebraic convention where the most negative value is a minimum and the most positive value a maximum is used in
this data sheet.
Note 3:
Guaranteed by design.
Note 4:
∆RON = ∆RON max - ∆RON min.
Note 5:
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6:
Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25°C.
Note 7:
Off Isolation = 20 log10 [ VCOM ⁄ (VNC or VNO) ], VCOM = output, VNC or VNO = input to off switch.
Note 8:
Between any two switches.
TA = TMIN to TMAX
TA = +25°C
-200
200
-125
80
125
Input Voltage High
VINH
3.5
V
3V < V+ < 8V, V-
≤ 0V
V+ = 5V ±10%, V-
≤ 0V
V+ - 1.5
Input Voltage Low
VINL
2.5
V
3V < V+ < 8V, V-
≤ 0V
V+ = 5V ±10%, V-
≤ 0V
V+ - 2.5
LOGIC INPUT
DYNAMIC
SUPPLY


Similar Part No. - MAX322ESA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221 MAXIM-MAX3221 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
392Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX322ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
   Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com