Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR25750LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR25750LPBF
Description  SOT-23 Current Sensing IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR25750LPBF Datasheet(HTML) 1 Page - International Rectifier

  IR25750LPBF Datasheet HTML 1Page - International Rectifier IR25750LPBF Datasheet HTML 2Page - International Rectifier IR25750LPBF Datasheet HTML 3Page - International Rectifier IR25750LPBF Datasheet HTML 4Page - International Rectifier IR25750LPBF Datasheet HTML 5Page - International Rectifier IR25750LPBF Datasheet HTML 6Page - International Rectifier IR25750LPBF Datasheet HTML 7Page - International Rectifier IR25750LPBF Datasheet HTML 8Page - International Rectifier IR25750LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IR25750LPBF
1
www.irf.com
© 2015 International Rectifier
January 15, 2015
HVICTM
SOT-23 Current Sensing IC
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IR25750LPBF
SOT23-5L
Tape and Reel
3000
IR25750LTRPBF
Features
VDS(on) or VCE(on) sensing
Eliminates external current sensing resistors
Enables inductance-less current sensing
600V blocking capability
Programmability and temperature compensation possible
No VCC required
Gate drive on/off sync input
Filter delay at GATE turn-on (200nsec typ.)
20.8V zener clamps on GATE and CS pins
Integrated ESD protection and latch immunity on all pins
Tiny 5-pin SOT-23 package
Applications
MOSFET, DirectFET, or IGBT current sensing
Over-current protection
Industrial applications
Motor control
Power tools
Brick converters
Forklifts
Induction heating
Description
The IR25750L is a novel current sensing IC that
extracts the VDS(on) of a power MOSFET, or the
VCE(on) of an IGBT, during the switch on-time.
IR’s proprietary 600V HVIC technology then
blocks the high drain voltage to during the
MOSFET or IGBT off-time. This IC allows for
external current sensing resistors to be eliminated
for reducing power losses and increasing overall
system efficiency. The IC includes a gate drive
input that provides VCC supply voltage to the IC
and synchronizes the internal sensing circuit to
the
on
and
off
times
of
the
switch.
Programmability and temperature compensation
are also possible.
Package Options
5 Lead SOT 23
Typical Connection Diagram
Ordering Information


Similar Part No. - IR25750LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR25750LPBF INFINEON-IR25750LPBF Datasheet
746Kb / 17P
   SOT-23 Current Sensing IC
January 15, 2015
More results

Similar Description - IR25750LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR25750LPBF INFINEON-IR25750LPBF Datasheet
746Kb / 17P
   SOT-23 Current Sensing IC
January 15, 2015
logo
International Rectifier
IR44272LPBF IRF-IR44272LPBF Datasheet
741Kb / 14P
   SOT-23 Gate Driver IC
logo
Infineon Technologies A...
IR44272LPBF INFINEON-IR44272LPBF Datasheet
734Kb / 14P
   SOT-23 Gate Driver IC
June 30, 2015
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
logo
International Rectifier
IR2170S IRF-IR2170S Datasheet
82Kb / 5P
   OVER CURRENT SENSING IC
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
IR2175STRPBF IRF-IR2175STRPBF Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
IR2175PBF IRF-IR2175PBF Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
IR2175 IRF-IR2175 Datasheet
107Kb / 7P
   LINEAR CURRENT SENSING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com