Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAM256-1067A Datasheet(PDF) 9 Page - International Rectifier

Part # IRAM256-1067A
Description  Integrated gate drivers and bootstrap diodes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM256-1067A Datasheet(HTML) 9 Page - International Rectifier

Back Button IRAM256-1067A Datasheet HTML 5Page - International Rectifier IRAM256-1067A Datasheet HTML 6Page - International Rectifier IRAM256-1067A Datasheet HTML 7Page - International Rectifier IRAM256-1067A Datasheet HTML 8Page - International Rectifier IRAM256-1067A Datasheet HTML 9Page - International Rectifier IRAM256-1067A Datasheet HTML 10Page - International Rectifier IRAM256-1067A Datasheet HTML 11Page - International Rectifier IRAM256-1067A Datasheet HTML 12Page - International Rectifier IRAM256-1067A Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
IRAM256-1067A
9 www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 14, 2014
Typical Application Connection IRAM256-1067A
1. Electrolytic bus capacitors should be mounted as close to the module bus terminals as possible to reduce
ringing and EMI problems. Additional high frequency ceramic capacitor mounted close to the module pins will
further improve performance.
2. In order to provide good decoupling between VCC-VSS and VB1,2,3-VS1,2,3 terminals, the capacitors shown
connected between these terminals should be located very close to the module pins. Additional high frequency
capacitors, typically 0.1µF, are strongly recommended.
3. Value of the boot-strap capacitors depends upon the switching frequency. Their selection should be made
based on IR design tip DN 98-2a, application note AN-1044 or Figure 9. Bootstrap capacitor value must be
selected to limit the power dissipation of the internal resistor in series with the VCC. (see maximum ratings Table
on page 3).
4. After approx. 2ms the FAULT is reset. (see Dynamic Characteristics Table on page 5).
5. PWM generator must be disabled within Fault duration to guarantee shutdown of the system, overcurrent
condition must be cleared before resuming operation.
3-Phase AC
MOTOR
BOOT-STRAP
CAPACITORS
W
V
U
VDD (28)
ITRIP (16)
VSS (29)
100nF
CONTROLLER
V+
DC BUS
CAPACITORS
PHASE LEG
CURRENT
SENSE
VTH (27)
Enable
10m
CURRENT SENSING CAN USE A
SINGLE SENSE RESISTOR OR PHASE
LEG SENSING AS SHOWN
0.1m
15 V
FLT/EN (18)
V+ (13)
VRU (17)
VRV (19)
VRW (21)
HIN2 (22)
HIN1 (20)
HIN3 (23)
LIN1 (24)
LIN2 (25)
LIN3 (26)
VB3 (1)
VB2 (5)
VB1 (9)
W, VS3 (2)
V, VS2 (6)
U, VS1 (10)
5 V


Similar Part No. - IRAM256-1067A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1567A IRF-IRAM256-1567A Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-1567A IRF-IRAM256-1567A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
More results

Similar Description - IRAM256-1067A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM256-1567A IRF-IRAM256-1567A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAM256-2067A IRF-IRAM256-2067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRAMX30TP60A IRF-IRAMX30TP60A_15 Datasheet
485Kb / 17P
   Integrated gate drivers and bootstrap diodes
IRSM807-045MH IRF-IRSM807-045MH_15 Datasheet
358Kb / 11P
   Integrated gate drivers and bootstrap functionality
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
IRSM836-044MA IRF-IRSM836-044MA_15 Datasheet
738Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X6Q1B INFINEON-IM111-X6Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM808-105MH IRF-IRSM808-105MH_15 Datasheet
970Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-024MA IRF-IRSM836-024MA_15 Datasheet
508Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com