Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAM630-1562F Datasheet(PDF) 3 Page - International Rectifier

Part # IRAM630-1562F
Description  Integrated boost PFC power stage and gate driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM630-1562F Datasheet(HTML) 3 Page - International Rectifier

  IRAM630-1562F_15 Datasheet HTML 1Page - International Rectifier IRAM630-1562F_15 Datasheet HTML 2Page - International Rectifier IRAM630-1562F_15 Datasheet HTML 3Page - International Rectifier IRAM630-1562F_15 Datasheet HTML 4Page - International Rectifier IRAM630-1562F_15 Datasheet HTML 5Page - International Rectifier IRAM630-1562F_15 Datasheet HTML 6Page - International Rectifier IRAM630-1562F_15 Datasheet HTML 7Page - International Rectifier IRAM630-1562F_15 Datasheet HTML 8Page - International Rectifier IRAM630-1562F_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IRAM630-1562F
3
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
October 23, 2013
TJ (IGBT & Diode & IC) Maximum Operating Junction Temperature
+150
TC
Operating Case Temperature Range
-20 to +100
TSTG
Storage Temperature Range
-40 to +125
T
Mounting torque Range (M3 screw)
0.8 to 1.0
Nm
Note 1: tP<100ms, VCC=15V, TC=25°C, FPWM=20kHz.
Note 2: Sinusoidal Modulation at V+=400V, VCC=15V, TJ=150°C, MI=0.8, PF=0.6, See Figure 4.
Note 3: tP<100ms, VCC=15V, TC=25°C, FPWM=6kHz.
°C
Absolute Maximum Ratings (Continued)
Symbol
Parameter
Min
Max
Units Conditions
VS1,2,3
High side floating supply offset
voltage
VB1,2,3 - 20
VB1,2,3 +0.3
V
VB1,2,3
High side floating supply voltage
-0.3
600
V
VCC
Low Side and logic fixed supply
voltage
-0.3
20
V
VIN
Input voltage LIN, HIN, PFCIN,
ITrip, FLT/EN
-0.3
Lower of
(VSS+15V) or
VCC+0.3V
V
VPFCTRIP
PFCTRIP input voltage
-2
Lower of
(VSS+15V) or
VCC+0.3V
V


Similar Part No. - IRAM630-1562F_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM630-1562F IRF-IRAM630-1562F Datasheet
617Kb / 19P
   Intelligent Power Module for Energy Efficient Compressor Applications
More results

Similar Description - IRAM630-1562F_15

ManufacturerPart #DatasheetDescription
logo
Vincotech
20-1B06IPB004RC01-P952A45 VINCOTECH-20-1B06IPB004RC01-P952A45 Datasheet
1Mb / 32P
   Input Rectifier, PFC-Boost with integrated PFC-Shunt, PFC-Gate driver and DC-capacitor
logo
Fairchild Semiconductor
FLS3217 FAIRCHILD-FLS3217 Datasheet
787Kb / 14P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver with Integrated Power MOSFET
logo
Dialog Semiconductor
IW3636 DIALOG-IW3636 Datasheet
432Kb / 6P
   Single-Stage LED Driver with PFC
logo
ON Semiconductor
FAM65CR51XZ1 ONSEMI-FAM65CR51XZ1 Datasheet
737Kb / 16P
   Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC
May, 2021 ??Rev. 2
FAM65CR51DZ1 ONSEMI-FAM65CR51DZ1 Datasheet
670Kb / 16P
   Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC
May, 2020 ??Rev. 1
FAM65CR51DZ1 ONSEMI-FAM65CR51DZ1_V01 Datasheet
744Kb / 16P
   Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC
June, 2021 - Rev. 3
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
   Single-Stage PFC TRIAC Dimmable LED Driver
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
   Single Stage Flyback And PFC Controller
logo
Diodes Incorporated
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
logo
Intersil Corporation
ISL6580 INTERSIL-ISL6580 Datasheet
1Mb / 31P
   Integrated Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com