Electronic Components Datasheet Search |
|
IRAM630-1562F Datasheet(PDF) 4 Page - International Rectifier |
|
IRAM630-1562F Datasheet(HTML) 4 Page - International Rectifier |
4 / 19 page IRAM630-1562F 4 www.irf.com © 2013 International Rectifier Submit Datasheet Feedback October 23, 2013 PFC Section Electrical Characteristics Symbol Parameter Min Typ Max Units Conditions V(BR)CES Collector-to-Emitter Breakdown Voltage 600 --- --- V VIN=0V, IC=250µA ΔV(BR)CES / ΔT Temperature Coeff. Of Breakdown Voltage --- 0.3 --- V/°C VIN=0V, IC=1mA (25°C - 150°C) --- 1.15 1.4 IC=10A, TJ=25°C --- 1.25 --- IC=10A, TJ=150°C --- 10 150 VIN=0V, V +=600V --- 100 --- VIN=0V, V +=600V, T J=150°C -- 1.75 2.2 IF=10A --- 1.25 --- IF=10A, TJ=150°C VFM Diode D7 Forward Voltage Drop --- 1.95 --- V IF=3.5A VBIAS (VCC, VBS1,2,3)=15V, TJ=25ºC, unless otherwise specified. VCE(ON) Collector-to-Emitter Saturation Voltage V VFM Diode D8 Forward Voltage Drop V ICES Zero Gate Voltage Collector Current μA PFC Section Switching Characteristics Symbol Parameter Min Typ Max Units Conditions EON Turn-On Switching Loss --- 540 700 EOFF Turn-Off Switching Loss --- 220 350 ETOT Total Switching Loss --- 760 1050 EREC Diode Reverse Recovery energy --- 15 35 tRR Diode Reverse Recovery time --- 140 --- ns EON Turn-on Switching Loss --- 930 --- EOFF Turn-off Switching Loss --- 310 --- ETOT Total Switching Loss --- 1240 --- EREC Diode Reverse Recovery energy --- 75 --- tRR Diode Reverse Recovery time --- 180 --- ns QG Turn-On IGBT Gate Charge --- 95 140 nC IC=48A, V +=400V, V GE=15V RBSOA Reverse Bias Safe Operating Area TJ=150°C, IC=40A, VP=600V V+= 450V, VGE=+15V to 0V See CT3 SCSOA Short Circuit Safe Operating Area 2 --- --- µs TJ=150°C, V += 360V, VGE=+15V to 0V VBIAS (VCC, VBS1,2,3)=15V, TJ=25ºC, unless otherwise specified. µJ IC=10A, V +=400V VCC=15V, L=1.2mH Energy losses include "tail" and diode reverse recovery See CT1 µJ IC=10A, V +=400V VCC=15V, L=1.2mH, TJ=150°C Energy losses include "tail" and diode reverse recovery See CT1 FULL SQUARE |
Similar Part No. - IRAM630-1562F_15 |
|
Similar Description - IRAM630-1562F_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |