Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3273 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3273
Description  3.3V, 2.5Gbps Low-Power Laser Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3273 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3273 Datasheet HTML 3Page - Maxim Integrated Products MAX3273 Datasheet HTML 4Page - Maxim Integrated Products MAX3273 Datasheet HTML 5Page - Maxim Integrated Products MAX3273 Datasheet HTML 6Page - Maxim Integrated Products MAX3273 Datasheet HTML 7Page - Maxim Integrated Products MAX3273 Datasheet HTML 8Page - Maxim Integrated Products MAX3273 Datasheet HTML 9Page - Maxim Integrated Products MAX3273 Datasheet HTML 10Page - Maxim Integrated Products MAX3273 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
+3.3V, 2.5Gbps Low-Power Laser Driver
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1, 4, 13, 15, 18
VCC
Power-Supply Voltage
2
DATA+
Noninverting Data Input, with On-Chip Biasing
3
DATA-
Inverting Data Input, with On-Chip Biasing
5
CLK+
Noninverting Clock Input for Data Retiming, with On-Chip Biasing
6
CLK-
Inverting Clock Input for Data Retiming, with On-Chip Biasing
7, 9, 12
GND
Ground
8
LATCH
Data Retiming Enable Input, Active-High. Retiming disabled when floating or pulled low.
10
EN
TTL/CMOS Enable Input. Low for normal operation. Float or pull high to disable laser bias and
modulation currents. Internal 100k
Ω pullup to VCC.
11
MODSET
A resistor connected from this pin to ground sets the desired modulation current.
14
BIAS
Laser Bias Current Output. Connect to the laser through an inductor.
16
OUT+
Positive Modulation-Current Output. IMOD flows into this pin when input data is high.
17
OUT-
Negative Modulation-Current Output. Current flows into this pin when input data is low. Connect
to load equivalent to that on OUT+ to maintain differential output balance.
19
MD
Monitor Diode Input. Connect this pin to the anode of the monitor diode. Leave floating for
open-loop operation.
20
APCFILT1
A capacitor between APCFILT1 and APCFILT2 sets the dominant pole of the APC feedback
loop (CAPCFILT = 0.01µF). Ground APCFILT1 for open-loop operation.
21
APCFILT2
See above.
22
FAIL
TTL/CMOS Failure Output, Active-Low. Indicates APC failure when low.
23
APCSET
A resistor connected from this pin to ground sets the desired average optical power. Connect a
100k
Ω resistor to GND for open-loop operation.
24
BIASMAX
A resistor connected from this pin to ground sets the maximum bias current. The APC function
can subtract current from this maximum value, but cannot add to it. For open-loop operation,
this pin sets the laser bias current.
EP
EXPOSED
PAD
Ground. Solder this pad to ground.


Similar Part No. - MAX3273

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3273 MAXIM-MAX3273 Datasheet
689Kb / 11P
   Single 3.3V Power-Supply Operation
Rev 0; 9/01
MAX3273E/D MAXIM-MAX3273E/D Datasheet
743Kb / 18P
   3.3V, 2.5Gbps Low-Power Laser Driver
2007
MAX3273EGG MAXIM-MAX3273EGG Datasheet
743Kb / 18P
   3.3V, 2.5Gbps Low-Power Laser Driver
2007
MAX3273ETG++ MAXIM-MAX3273ETG+ Datasheet
743Kb / 18P
   3.3V, 2.5Gbps Low-Power Laser Driver
2007
MAX3273EVKIT MAXIM-MAX3273EVKIT Datasheet
689Kb / 11P
   Single 3.3V Power-Supply Operation
Rev 0; 9/01
More results

Similar Description - MAX3273

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3273 MAXIM-MAX3273_V01 Datasheet
743Kb / 18P
   3.3V, 2.5Gbps Low-Power Laser Driver
2007
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com