Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130094-0377 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130094-0377
Description  Standard Duty Support Grip, Double "U" Eye, Split Rod, Single Weave, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130094-0377 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130094-0377 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130094-0377
Status:
Active
Overview:
Support Grips
Description:
Standard Duty Support Grip, Double "U" Eye, Split Rod, Single Weave, Cable Diameter
38.10-44.20mm (1.500-1.740"), Approximate Break Strength 870.90kg (1,920 lbs),
Stainless Steel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130094
Eye Type
Double
NEMA Rating
NEMA 4
O-Ring
No
Overview
Support Grips
Product Name
Standard Duty
Type
Support Grip
UPC
78678809884
Woodhead
Yes
Physical
Approximate Break Strength
870.90kg (1,920 lbs)
Bale Length
0.152m (6.00")
Body Style
Straight
Cable Diameter
38.10-44.20mm (1.500-1.740")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Stainless Steel
Mesh Length
0.432m (17.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35275SS
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130094Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130094-0377

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0370 MOLEX11-130094-0370 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double U Eye, Split Rod, Single Weave, Cable Diameter
130094-0371 MOLEX11-130094-0371 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double U Eye, Split Rod, Single Weave, Cable Diameter
130094-0372 MOLEX11-130094-0372 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double U Eye, Split Rod, Single Weave, Cable Diameter
130094-0373 MOLEX11-130094-0373 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double U Eye, Split Rod, Single Weave, Cable Diameter
130094-0374 MOLEX11-130094-0374 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double U Eye, Split Rod, Single Weave, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com