Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB26TRQ-32.768KHZ-9-4-T Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB26TRQ-32.768KHZ-9-4-T
Description  Low Frequency Reflowable Tuning Fork Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB26TRQ-32.768KHZ-9-4-T Datasheet(HTML) 3 Page - Abracon Corporation

  AB26TRQ-32.768KHZ-9-4-T Datasheet HTML 1Page - Abracon Corporation AB26TRQ-32.768KHZ-9-4-T Datasheet HTML 2Page - Abracon Corporation AB26TRQ-32.768KHZ-9-4-T Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
| | | | |
AB26TRQ
TAPE & REEL:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 10.17.14
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Low Frequency Reflowable Tuning Fork Crystal
5.2 x 1.45 x 1.45mm
RoHS/RoHS II Compliant
Pb in high melting temperature type solders exempt 7(a) and Pb in
copper alloy up to 4% exemption 6(c) per RoHSII 2011/65/EU Annex
Dimensions: mm
Packaging: T= Tape & Reel (2000pcs/reel)
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.


Similar Part No. - AB26TRQ-32.768KHZ-9-4-T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AB26TRQ MOLEX-AB26TRQ Datasheet
1Mb / 4P
   Low Frequency Reflowable Tuning Fork Crystal
More results

Similar Description - AB26TRQ-32.768KHZ-9-4-T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AB26TRQ MOLEX-AB26TRQ Datasheet
1Mb / 4P
   Low Frequency Reflowable Tuning Fork Crystal
logo
Abracon Corporation
AB206F ABRACON-AB206F Datasheet
85Kb / 1P
   SMD REFLOWABLE, CYLINDRICAL TYPE TUNING FORK CRYSTAL
AB206J ABRACON-AB206J Datasheet
213Kb / 2P
   32.768kHz SMD REFLOWABLE, CYLINDRICAL TYPE TUNING FORK CRYSTAL
07.09.07
logo
CTS Corporation
TF202P32K7680 CTS-TF202P32K7680 Datasheet
188Kb / 3P
   Tuning Fork Crystal
logo
Shenzhen Luguang Electr...
ZM-145 LUGUANG-ZM-145 Datasheet
273Kb / 1P
   Tuning Fork Crystal
logo
Abracon Corporation
ABS07-120-32.768KHZ-T ABRACON-ABS07-120-32.768KHZ-T Datasheet
2Mb / 3P
   TUNING FORK CRYSTAL
11.14.14
logo
Fox Electronics
KT26 FOX-KT26 Datasheet
335Kb / 4P
   Tuning Fork Crystal
logo
Vishay Siliconix
XT26T VISHAY-XT26T Datasheet
65Kb / 1P
   Tuning Fork Crystal
Revision: 28-Mar-03
XT26T VISHAY-XT26T_07 Datasheet
91Kb / 3P
   Tuning Fork Crystal
Revision: 18-Oct-07
logo
Raltron Electronics Cor...
R26-32.768-12.5-EXT-SMD RALTRON-R26-32.768-12.5-EXT-SMD Datasheet
374Kb / 3P
   TUNING FORK CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com