Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3320L Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3320L
Description  3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4關A AutoShutdown Plus and Power-On Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3320L Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3320L Datasheet HTML 4Page - Maxim Integrated Products MAX3320L Datasheet HTML 5Page - Maxim Integrated Products MAX3320L Datasheet HTML 6Page - Maxim Integrated Products MAX3320L Datasheet HTML 7Page - Maxim Integrated Products MAX3320L Datasheet HTML 8Page - Maxim Integrated Products MAX3320L Datasheet HTML 9Page - Maxim Integrated Products MAX3320L Datasheet HTML 10Page - Maxim Integrated Products MAX3320L Datasheet HTML 11Page - Maxim Integrated Products MAX3320L Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3V to 5.5V, up to 250kbps True RS-232 Transceiver
with 4µA AutoShutdown Plus and Power-On Reset
______________________________________________________________________________________
11
T1
T2
T1IN
C2-
C2+
C1-
C1+
V+
V-
T1OUT
T2OUT
T2IN
FORCEON
R1
R1OUT
R2OUT
C1
0.1
µF
AUTOSHUTDOWN
PLUS
R2
GND
R2IN
5k
5k
R1IN
VCC
VCC
VCC
*C3 MAY BE RETURNED TO EITHER VCC OR GND.
RS-232
INPUTS
RS-232
OUTPUTS
C2
0.1
µF
MAX3320
C3*
0.1
µF
C4
0.1
µF
0.1
µF
+3.3V
µP
SYSTEM
FORCEOFF
RESET
RESET
INPUT
INVALID
___________________________________________________Typical Operating Circuit


Similar Part No. - MAX3320L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX332 MAXIM-MAX332 Datasheet
305Kb / 8P
   Quad SPST SMOS Analog Switches
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
334Kb / 13P
   Multidrop Applications
Rev 1; 1/03
MAX3323EEPE MAXIM-MAX3323EEPE Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results

Similar Description - MAX3320L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238 MAXIM-MAX3238 Datasheet
112Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus?
19-1144; Rev 0; 9/96
MAX3238 MAXIM-MAX3238_V01 Datasheet
207Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
19-1144; Rev 1; 10/02
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com