Electronic Components Datasheet Search |
|
ABL7M2-12.000MHZ-R40-A-1 Datasheet(PDF) 1 Page - Abracon Corporation |
|
ABL7M2-12.000MHZ-R40-A-1 Datasheet(HTML) 1 Page - Abracon Corporation |
1 / 3 page ABL7M2 APPLICATIONS: FEATURES: • Reduced footprint from the standard HC/49US package • Low profile: 1.4mm typ. height • Tight stability & extended temperature options • High reliability & Cost effective • Resistance welded metal package ABRACON IS CERTIFIED ABRACON IS ISO9001:2008 CERTIFIED THRU-HOLE MICROPROCESSOR CRYSTAL Pb RoHS / RoHS II Compliant 6.6 x 4.0 x 1.4mm • Wireless Applications • Home electronics • Computers, modems, and communications • Microprocessors STANDARD SPECIFICATIONS: * Please contact Abracon for other frequencies. Parameters Minimum Typical Maximum Units Notes z H M 0 . 0 4 0 . 2 1 * e g n a R y c n e u q e r F Standard Frequencies 12.0, 12.288, 13.5, 13.56, 14.31818, 14.7456, 16.0, 18.432, 20.0, 20.5, 24.0, 24.576, 25.0, 26.0, 27.0 MHz Operation Mode Fundamental (AT-cut) Operating Temperature 0 +70 ºC See options 0 4 - e r u t a r e p m e T e g a r o t S +125 ºC Frequency Tolerance @+25°C -50 +50 ppm See options Frequency Stability over the Operating Temperature ( ref. to +25°C) -50 +50 ppm See options Equivalent series resistance (R1) @+25°C 60 Ω 12.000 ~ 16.000MHz 40 16.001 ~ 30.000MHz 25 30.001 ~ 40.000MHz F p 5 ) 0 C ( e c n a ti c a p a c t n u h S F p 8 1 ) L C ( e c n a ti c a p a c d a o L Standard (See options if other than STD) W µ 0 0 1 0 5 l e v e L e v ir D m p p 5 + 5 - g n i g A @25°C±3°C First year M 0 0 5 e c n a t s i s e R n o it a l u s n I Ω @ 100Vdc ± 15V Drive level dependency (DLD) 10nw ~ 100uw,12 points Change in ESR (Maximum - Minimum) over DLD range < 30% ESR max. 2 Faraday, Suite# B | Irvine | CA 92618 Revised: 01.06.15 Ph. 949.546.8000 | Fax. 949.546.8001 Visit www.abracon.com for Terms and Conditions of Sale |
Similar Part No. - ABL7M2-12.000MHZ-R40-A-1 |
|
Similar Description - ABL7M2-12.000MHZ-R40-A-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |