Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3320T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3320T
Description  3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4關A AutoShutdown Plus and Power-On Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3320T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3320T Datasheet HTML 1Page - Maxim Integrated Products MAX3320T Datasheet HTML 2Page - Maxim Integrated Products MAX3320T Datasheet HTML 3Page - Maxim Integrated Products MAX3320T Datasheet HTML 4Page - Maxim Integrated Products MAX3320T Datasheet HTML 5Page - Maxim Integrated Products MAX3320T Datasheet HTML 6Page - Maxim Integrated Products MAX3320T Datasheet HTML 7Page - Maxim Integrated Products MAX3320T Datasheet HTML 8Page - Maxim Integrated Products MAX3320T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3V to 5.5V, up to 250kbps True RS-232 Transceiver
with 4µA AutoShutdown Plus and Power-On Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3V to 5.5V, C1–C4 = 0.1µF (tested at 3.3V ±10%), C1 = 0.047µF, C2–C4 = 0.33µF (tested at 5V ±10%), TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC .............................................................................-0.3V to 6V
V+ (Note 1) .................................................................-0.3V to 7V
V- (Note 1)...................................................................0.3V to -7V
V+ + |V-| (Note 1) ...................................................................13V
Input Voltages
T_IN, FORCEOFF, FORCEON ................................-0.3V to 6V
R_IN.................................................................................±25V
Output Voltages
T_OUT ..........................................................................±13.2V
R_OUT, INVALID, RESET.......................-0.3V to (VCC + 0.3V)
Short-Circuit Duration
T_OUT....................................................................Continuous
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 8.00mW/°C above +70°C) ....................640mW
Operating Temperature Ranges
MAX3320_CAP ...................................................0°C to +70°C
MAX3320_EAP ................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
V
-0.3
0.3
Figure 3
Receiver Input Threshold to
INVALID Output Low
-2.7
Figure 3, negative threshold
V
2.7
Figure 3, positive threshold
Receiver Input Threshold to
INVALID Output High
k
3
5
7
TA = +25°C
Input Resistance
V
0.3
Input Hysteresis
1.8
2.4
VCC = 5V
V
1.5
2.4
VCC = 3.3V
Input Threshold High
0.8
1.5
VCC = 5V
V
0.6
1.2
VCC = 3.3V
Input Threshold Low
V
-25
25
Input Voltage Range
µA
4.0
10
FORCEOFF = GND, TA = +25°C
Shutdown Supply Current
mA
0.45
1.0
No load, VCC = 3.3V or 5V, TA = +25°C
Power-Supply Current
V
VCC -
VCC -
0.6
0.1
IOUT = -1mA
Output Voltage High
V
0.4
IOUT = 1.6mA
Output Voltage Low
mV
250
T_IN, FORCEON, FORCEOFF
Input Hysteresis
µA
±0.01
±1.0
T_IN, FORCEON, FORCEOFF
Input Leakage Current
µA
4.0
10
All R_IN unconnected, FORCEON = GND,
FORCEOFF = VCC, all T_IN = VCC or GND, TA = +25°C
AutoShutdown Plus
Supply Current
V
0.8
T_IN, FORCEON, FORCEOFF
Input Logic Threshold Low
V
2.0
Input Logic Threshold High
UNITS
MIN
TYP
MAX
CONDITIONS
PARAMETER
T_IN, FORCEON,
FORCEOFF
2.4
V
0.4
IOUT = 1.6mA
INVALID Output Voltage Low
Note 1: V+ and V- can have a magnitude of +7V (max), but their absolute difference cannot exceed +13V.
VCC = 3.3V
VCC = 5V
DC CHARACTERISTICS
LOGIC INPUTS AND RECEIVER OUTPUTS
RECEIVER INPUTS
INVALID OUTPUT


Similar Part No. - MAX3320T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX332 MAXIM-MAX332 Datasheet
305Kb / 8P
   Quad SPST SMOS Analog Switches
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
334Kb / 13P
   Multidrop Applications
Rev 1; 1/03
MAX3323EEPE MAXIM-MAX3323EEPE Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results

Similar Description - MAX3320T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238 MAXIM-MAX3238 Datasheet
112Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus?
19-1144; Rev 0; 9/96
MAX3238 MAXIM-MAX3238_V01 Datasheet
207Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
19-1144; Rev 1; 10/02
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com