Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3317EEAP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3317EEAP
Description  짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3317EEAP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3317EEAP Datasheet HTML 5Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 6Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 7Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 8Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 9Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 10Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 11Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 12Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
±15kV ESD-Protected, 2.5V, 1µA, 460kbps,
RS-232 Compatible Transceivers
_______________________________________________________________________________________
9
MAX3316E
MAX3317E
MAX3318E
MAX3319E
R_ IN
R_ OUT
C2-
C2+
C1-
C1+
V-
V+
VCC
C2
0.1
µF
C1
0.1
µF
CBYPASS
T_ OUT
T_ IN
GND
0.1
µF
C3
0.1
µF
C4
0.1
µF
1000pF
+2.5V
RS-232
COMPLIANT
TRANSCEIVER
+5V
RX
TX
Figure 1a. RS-232 Compatibility Circuit
5V/div
5V/div
5V/div
T1 IN
MAX3316E–MAX3319E
T1 OUT
MAX3316E–MAX3319E
RS-232 COMPLIANT
RECEIVER OUTPUT
2V/div
2V/div
10
µs/div
VCC OR SHDN
(MAX3317E)
FORCEOFF
(MAX3318E/MAX3319E)
T1
T2
Figure 1b. MAX3316E–MAX3319E Transmitter Output
Compatibility with an RS-232 Receiver
Figure 2. Transmitter Outputs when Exiting Shutdown or
Powering Up


Similar Part No. - MAX3317EEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3317EAP MAXIM-MAX3317EAP Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
MAX3317EUP MAXIM-MAX3317EUP Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
More results

Similar Description - MAX3317EEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3316 MAXIM-MAX3316 Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3388E MAXIM-MAX3388E Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com