Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYH1032 Datasheet(PDF) 9 Page - LUXPIA

Part # LYH1032
Description  Specification for Approval
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LYH1032 Datasheet(HTML) 9 Page - LUXPIA

Back Button LYH1032 Datasheet HTML 5Page - LUXPIA LYH1032 Datasheet HTML 6Page - LUXPIA LYH1032 Datasheet HTML 7Page - LUXPIA LYH1032 Datasheet HTML 8Page - LUXPIA LYH1032 Datasheet HTML 9Page - LUXPIA LYH1032 Datasheet HTML 10Page - LUXPIA LYH1032 Datasheet HTML 11Page - LUXPIA LYH1032 Datasheet HTML 12Page - LUXPIA LYH1032 Datasheet HTML 13Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
8/14
8. Reliability
8.1. test items and results
no.
test item
Test Conditions
Note
number of
damaged
sample
1
resistance to soldering
heat
(reflow)
Tsld=260oC, 10sec
(pre treatment
60oC,90%,24hrs)
2 times
0/45
2
solderability
(reflow)
Tsld=215±5oC, 3sec
1 time
over 95%
0/45
3
temperature cycle
-40oC through +25oC to
+100℃
(30min/5min/30min)
100 cycles
0/45
4
high temperature storage
Ta=100℃
1000 hrs
0/45
5
high humidity and
temperature storage
Ta=60 , RH=90%
1000 hrs
0/45
6
low temperature storage
Ta=-40℃
1000 hrs
0/45
7
steady-state operating
lifetime test
Ta=25 , I
F=60mA
500 hrs
0/45
8
steady-state operating
lifetime of high
temperature
Ta=85 , I
F=15mA
1000 hrs
0/45
9
steady-state operating
lifetime of high humidity
and temperature
Ta=60 , RH=90%,
IF=40mA
500 hrs
0/45
10
steady-state operating
lifetime of low
temperature
Ta=-30 , I
F=40mA
1000 hrs
0/45
* LED with Luxpia standard circuit board


Similar Part No. - LYH1032

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LYH1035 LUXPIA-LYH1035 Datasheet
596Kb / 16P
   Specification for Approval
LYH1035 LUXPIA-LYH1035_13 Datasheet
596Kb / 16P
   Specification for Approval
More results

Similar Description - LYH1032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com