Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX335ENG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX335ENG
Description  Serial Controlled, 8-Channel SPST Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335ENG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX335ENG Datasheet HTML 1Page - Maxim Integrated Products MAX335ENG Datasheet HTML 2Page - Maxim Integrated Products MAX335ENG Datasheet HTML 3Page - Maxim Integrated Products MAX335ENG Datasheet HTML 4Page - Maxim Integrated Products MAX335ENG Datasheet HTML 5Page - Maxim Integrated Products MAX335ENG Datasheet HTML 6Page - Maxim Integrated Products MAX335ENG Datasheet HTML 7Page - Maxim Integrated Products MAX335ENG Datasheet HTML 8Page - Maxim Integrated Products MAX335ENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Serial Controlled, 8-Channel SPST Switch
4
_______________________________________________________________________________________
PARAMETER
DOUT Data-Hold Time After Rising
SCLK (Note 4)
SYMBOL
MIN
TYP
MAX
0
UNITS
Data-Setup Time
tDS
ns
200
Rise Time of DOUT (Note 3)
ns
SCLK Low Time
100
tCL
190
ns
SCLK High Time
tCH
190
ns
ns
CS Lag Time
tCSH2
240
ns
Data-Hold Time
tDH
0
ns
DOUT Data Valid After
Falling SCLK
tDO
240
2
ns
µs
Fall Time of DOUT (Note 3)
100
ns
Cycle Time
SCLK Maximum Frequency
2
fSCLK
2.1
µs
MHz
tCH + tCL
480
ns
CS Lead Time
tCSS
240
ns
CONDITIONS
CL = 10pF
20% VL to 70% VL, CL = 10pF
20% VL to 70% VL, CL = 10pF
70% VL to 20% VL, CL = 10pF
70% VL to 20% VL, CL = 10pF
Note 4: This specification guarantees that data at DOUT never appears before SCLK's falling edge.
TIMING CHARACTERISTICS OF SERIAL DIGITAL INTERFACE (Figure 1)
(VL = +5V ±10%, V+ = +15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted.)
400
TA = +25°C
Allowable Fall Time at DIN,
SCLK,
CS (Note 3)
Allowable Rise Time at DIN,
SCLK,
CS (Note 3)
50% of SCLK to 10% of
DOUT CL = 10pF


Similar Part No. - MAX335ENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335ENG MAXIM-MAX335ENG Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
More results

Similar Description - MAX335ENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Texas Instruments
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX14724 MAXIM-MAX14724 Datasheet
1Mb / 25P
   Serial-Controlled 8:4 Matrix Switch Multiplexer
19-7575; Rev 2; 9/15
logo
JSC ALFA.
AS16M1 ALFA-AS16M1 Datasheet
538Kb / 4P
   Serial Controlled, 16-Channel SPCO Switch
logo
Texas Instruments
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS2DDR2811 TI-TS2DDR2811 Datasheet
230Kb / 13P
[Old version datasheet]   1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com