Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM2
Description  CERAMIC SMD MICROPROCESSOR CRYSTAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM2 Datasheet(HTML) 2 Page - Abracon Corporation

  ABM2_15 Datasheet HTML 1Page - Abracon Corporation ABM2_15 Datasheet HTML 2Page - Abracon Corporation ABM2_15 Datasheet HTML 3Page - Abracon Corporation ABM2_15 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABM2-
MHz - -
-
- -
Packaging
Blank: Bulk
T: 1k reel
T2: 250pcs/reel
Frequency in MHz
e.g. 8.000MHz
14.31818MHz
26.000MHz
Load Capacitance (pF)
Please specify CL in pF
(8 to 33pF) or S for series
Please contact ABRACON for
other values
Freq. Stability
(See Table 1 for details)
U: ±10 ppm
G: ±15 ppm
X: ±20 ppm
W: ±25 ppm
Y: ±30 ppm
H: ±35 ppm
A: ±80 ppm
Q: ±100 ppm
V: ±120 ppm
P: ±150 ppm
Mode
F: Fund AT for >40MHz
Freq. Tolerance
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Operating Temp.
(See Table 1 for details)
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
J: -40°C ~ +105°C
K: -40°C ~ +125°C
Custom ESR if other
than standard
R□
□: Specify a value in Ω
(e.g.: R40)
ABM2
8.0 x 4.5 x 1.4m m
CERAMIC SMD MICROPROCESSOR CRYSTAL
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 08.13.14
Visitwww.abracon.comfor Terms & Conditions of Sale
OPTIONS AND PART IDENTIFICATION: (Left blank if standard)
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb in glass (exempt per RoHS II 2011/65/EU Annex (5))
RoHS/RoHS II Compliant
Note: See Table 1 for the availability of Operating Temp. and Freq. Stability combination
Table 1 Available Combinations of Operating Temp. and Freq. Stability
Operating Temp.
Freq. Stability
U:±10ppm G:±15ppm X:±20ppm W:±25ppm
Y:±30ppm
H:±35ppm
Std: -10°C ~ +60°C
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
√*
√*
J: -40°C ~ +105°C
K: -40°C ~ +125°C
Operating Temp.
Freq. Stability
Std:±50ppm A:±80ppm Q:±100ppm V:±120ppm P:±150ppm
Std: -10°C ~ +60°C
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
√*
J: -40°C ~ +105°C
K: -40°C ~ +125°C
Note: *: Availability depends on frequency.


Similar Part No. - ABM2_15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM2 ABRACON-ABM2_11 Datasheet
1Mb / 3P
   CERAMIC SMD MICROPROCESSOR CRYSTAL
11.29.11
More results

Similar Description - ABM2_15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM2 ABRACON-ABM2_11 Datasheet
1Mb / 3P
   CERAMIC SMD MICROPROCESSOR CRYSTAL
11.29.11
ABM2 ABRACON-ABM2_07 Datasheet
194Kb / 2P
   CERAMIC SMD MICROPROCESSOR CRYSTAL
08.08.07
ABM7-12.000MHZ-D-2-Y-T ABRACON-ABM7-12.000MHZ-D-2-Y-T Datasheet
1Mb / 2P
   CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
12.13.10
ABM7 ABRACON-ABM7_07 Datasheet
197Kb / 2P
   CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
08.20.07
ABMC2 ABRACON-ABMC2_15 Datasheet
872Kb / 3P
   SMD MICROPROCESSOR CRYSTAL
08.19.10
logo
TEMEX
RHC-49US TEMEX-RHC-49US Datasheet
442Kb / 5P
   SMD Microprocessor Crystal
logo
Abracon Corporation
ABLS7M ABRACON-ABLS7M Datasheet
3Mb / 4P
   SMD MICROPROCESSOR CRYSTAL
01.06.15
ABLS6M ABRACON-ABLS6M Datasheet
3Mb / 4P
   SMD MICROPROCESSOR CRYSTAL
01.29.15
ABLS7M2 ABRACON-ABLS7M2 Datasheet
3Mb / 4P
   SMD MICROPROCESSOR CRYSTAL
01.28.15
ABM4AAIG ABRACON-ABM4AAIG Datasheet
4Mb / 4P
   Automotive Grade Ceramic SMD Low Profile Microprocessor Crystal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com