Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM3B-8.000MHZ-R40-E-1 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM3B-8.000MHZ-R40-E-1
Description  CERAMIC SMD CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3B-8.000MHZ-R40-E-1 Datasheet(HTML) 2 Page - Abracon Corporation

  ABM3B-8.000MHZ-R40-E-1 Datasheet HTML 1Page - Abracon Corporation ABM3B-8.000MHZ-R40-E-1 Datasheet HTML 2Page - Abracon Corporation ABM3B-8.000MHZ-R40-E-1 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABM3B –
MHz -
-
- - - -
Packaging
Blank: Bulk
T: 1k pcs per reel
T2: 250 pcs per reel
Height (mm)
Blank: 1.1mm max
1: 0.8mm max
Frequency in MHz
e.g. 8.000MHz
14.31818MHz
26.000MHz
125.000MHz
Freq. Tolerance
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Operating Temp.
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
J****: -40°C ~ +105°C
K****: -40°C ~ +125°C
L*: -55°C ~ +125°C
Freq. Stability
U**: ± 10 ppm
G***: ± 15 ppm
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Z: ± 100 ppm
(*) Option Z only
(**)Standard temp or
options E and B only
(***)Standard temp or
options E, B, C and N
only.
(****) Freq. stability
±50ppm and ±100ppm
only. Contact ABRACON
for tighter freq. stability.
Load Capacitance
Please specify CL(6 to
32pF) in pF or S for Series
Please contact ABRACON for
values under 6pF
STD
||||||||||||| | |
ABM3B
5.0 X 3.2 X 1.1mm
Pb RoHS
Compliant
CERAMIC SMD CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION: (Left blank if standard)
Please see Table 2 below for height and chamfer information.
Note: Due to the availability of raw materials, this part may be manufactured with the
chamfer on pin 4. Be advised that this does not affect the electrical characteristics
of the crystal in any way.
Table 2
ABM3B
1.1mm max
ABM3B1 0.8mm max
Dimension : Inches (mm)
Height (mm)
#1 (Default), #4 (See Note)
#1 (Default), #4 (See Note)
Chamfer PIN #
Chamfer on PIN 1
(Default)
Chamfer on PIN 4
(See Note)
OUTLINE DIMENSIONS:
Custom ESR if
other than standard
R□
□: Specify a value in
Ω (e.g.: R40)
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 08.25.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ABM3B-8.000MHZ-R40-E-1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
   CERAMIC SMD CRYSTAL
11.8.2016
logo
ATMEL Corporation
ABM3B-16.000MHZ-B2-T ATMEL-ABM3B-16.000MHZ-B2-T Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
More results

Similar Description - ABM3B-8.000MHZ-R40-E-1

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
   Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
   CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
   Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
   Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
   CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
   CERAMIC SMD CRYSTAL
11.8.2016
logo
Fox Electronics
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
   Ceramic SMD Crystal
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
   Ceramic SMD Crystal
FX425B-12.000 FOX-FX425B-12.000 Datasheet
196Kb / 2P
   Ceramic SMD Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com