Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3384E Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3384E
Description  짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3384E Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3384E Datasheet HTML 1Page - Maxim Integrated Products MAX3384E Datasheet HTML 2Page - Maxim Integrated Products MAX3384E Datasheet HTML 3Page - Maxim Integrated Products MAX3384E Datasheet HTML 4Page - Maxim Integrated Products MAX3384E Datasheet HTML 5Page - Maxim Integrated Products MAX3384E Datasheet HTML 6Page - Maxim Integrated Products MAX3384E Datasheet HTML 7Page - Maxim Integrated Products MAX3384E Datasheet HTML 8Page - Maxim Integrated Products MAX3384E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
________________General Description
The MAX3384E is a 3V-powered EIA/TIA-232 and
V.28/V.24 communications interface with low power
requirements, high data-rate capabilities, and en-
hanced electrostatic discharge (ESD) protection. All
transmitter outputs and receiver inputs are protected to
±15kV using IEC 1000-4-2 Air-Gap Discharge, ±8kV
using IEC 1000-4-2 Contact Discharge, and ±15kV
using the Human Body Model.
The transceiver has a proprietary low-dropout transmit-
ter output stage, delivering true RS-232 performance
from a +3.0V to +5.5V supply with a dual charge pump.
The charge pump requires only four small 0.1µF capac-
itors for operation from a +3.3V supply. Each device is
guaranteed to run at data rates of 250kbps while main-
taining RS-232 output levels.
The MAX3384E has two receivers and two drivers. It
features a 1µA shutdown mode that reduces power con-
sumption and extends battery life in portable systems.
The MAX3384E is available in a space-saving SSOP
package in either the commercial (0°C to +70°C) or
extended temperature (-40°C to +85°C) range.
________________________Applications
Hand-Held Equipment
Battery-Powered
Peripherals
Equipment
Printers
PDAs
____________________________Features
o ESD Protection for RS-232 I/O Pins
±15kV—Human Body Model
±8kV—IEC 1000-4-2, Contact Discharge
±15kV—IEC 1000-4-2, Air-Gap Discharge
o Latchup Free
o 300µA Supply Current
o 1µA Low-Power Shutdown
o 250kbps Guaranteed Data Rate
o 250µs Time to Exit Shutdown with 3kΩ Load on V+
o 6V/µs Guaranteed Slew Rate
o Transmitter and Receiver Outputs High
Impedance in Shutdown
o Meets EIA/TIA-232 Specifications Down to 3.0V
±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,
up to 250kbps, True RS-232 Transceiver
________________________________________________________________ Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
8
12
11
10
4
5
6
7
SHDN
VCC
GND
T1OUT
C1-
V+
C1+
N.C.
R1IN
R1OUT
T2IN
R2OUT
T2OUT
V-
C2-
C2+
9
R2IN
N.C.
SSOP
T1IN
N.C.
MAX3384E
TOP VIEW
MAX3384E
R2OUT
R1OUT
R2IN
GND
RS-232
OUTPUTS
TTL/CMOS
INPUTS
T2IN
T1IN
C2-
C2+
C1-
C1+
R1IN
T2OUT
T1OUT
V-
V+
VCC
C1
0.1
µF
C2
0.1
µF
CBYPASS
+3.3V
RS-232
INPUTS
TTL/CMOS
OUTPUTS
5k
5k
SHDN
C3
*
0.1
µF
C4
0.1
µF
* C3 CAN BE RETURNED TO EITHER VCC OR GROUND.
NOTE: SEE TABLE 2 FOR CAPACITOR SELECTION
Pin Configurations
19-1949; Rev 0; 1/01
Covered by U.S. Patent numbers 4,636,930; 4,679,134; 4,777,577; 4,797,899; 4,809,152; 4,897,774; 4,999,761; and other patents pending.
Typical Operating Circuit
Ordering Information
PART
MAX3384ECAP
MAX3384EEAP
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 SSOP
20 SSOP
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX3384ECWN
0°C to +70°C
18 SO
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX3384E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX338 MAXIM-MAX338 Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
MAX338 MAXIM-MAX338 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3380E MAXIM-MAX3380E Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
More results

Similar Description - MAX3384E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
logo
STMicroelectronics
ST3384E STMICROELECTRONICS-ST3384E Datasheet
227Kb / 11P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
July 2003
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
logo
STMicroelectronics
ST3232E STMICROELECTRONICS-ST3232E Datasheet
426Kb / 16P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3222E STMICROELECTRONICS-ST3222E Datasheet
198Kb / 10P
   짹15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
STMicroelectronics
8785 STMICROELECTRONICS-8785 Datasheet
317Kb / 13P
   짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com