Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1700008822 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 1700008822
Description  4U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller,Supporting 20-output Video Wall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1700008822 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  1700008822 Datasheet HTML 1Page - Advantech Co., Ltd. 1700008822 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
AVS-541
Ordering Information
Advantech P/N
Description
AVS-541-01A1E
4U Rackmount Xeon E3-1200V2 Video Wall Controller,
Supporting 5 Matrox Mura MPX-4/4 & 10 Mura MPX-V16
1960047831N001
AVS-541 Proprietary CPU Cooler
PCA-AUDIO-HDA1E
Audio extension module
PCA-TPM-00A1E
Trusted Platform Module compliant TCG 1.2
1700020277-01
2 ports of USB 3.0 cable W/ BKT(30cm)
1700008822
DVI-D Cable
Note: Purchasing this CPU cooler is a must, other brand CPU cooler may result in compatibility issue.
System Contents
Items
Advantech P/N
Quantity
AVS-541 Bare-Bone System
N/A
1
Driver CD
2066512700
1
1701260305
COM + printer ports cable kit
x1
1700060202
Keyboard and mouse Y-cable
x1
1700008461
4-port USB cable kit
x1
Note: CPU cooler needs to be purchased separately.
Compatible Processors
Advantech P/N
Description
96MPXE-3.2-8M11T1
XEON 3.2G 8M 1155P 4CORE E3-1225V2(G)
96MPXE-3.5-8M11T
XEON 3.5G 8M 1155P 4CORE E3-1275V2(G)
96MPI3-3.3-3M11T1
CORE 3.3G 3M 1155P 2CORE I3-3220(G)
Front View
Rear View
176.9 [6.97]
656.7 [25.88]
703 [27.7]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
94.7
[3.73]
101.5
[4.00]
One 3.5" drive bay
Three 5.25" disk
drive bays
Up to four system
reset buttons
Power
button
Alarm reset
button
Dual LANs
5 Mura MPX-4/X
10 Mura MPX-V8/V16/SDI
Hot-swappable
redundant power supply
Validated Matrox Mura Cards
Advantech P/N
Model
Output
Input
96VG-2G-PE-MA
Mura MPX-4/0
4
0
96VG-2G-PE-MA1
Mura MPX-4/2
4
2
96VG-2G-PE-MA2
Mura MPX-4/4
4
4
96VG-1G-PE-MA
Mura MPX-SDI
2
2
96VG-128M-PE-MA
Mura MPX-V8
0
8
96VG-256M-PE-MA
Mura MPX-V16
0
16
Optional Parts
Item
Advantech P/N
Mobile rack for converting dual 5.25" drive bays to three
3.5" SAS/SATA HDD trays
IDT-5230E
Mobile rack for converting a 3.5" drive bay to dual
2.5" SATA HDD trays
IDT-3120E
Mobile rack for converting a 5.25" drive bay to four
2.5" SAS/SATA HDD trays
96RACK-5SS-CAGE-CR
SATA cable with lock
1700003194
ACP-4000 rail kit
9680006905
HD Audio-Card
PCA-AUDIO-HDA1E
(Occupying 1 expansion slot)
Note:
1. To support 2 2.5” SATA HDDs RAID with on-board RAID: 1700003194 x 2 + IDT-3120E x 1
2. To support 3 3.5” SATA HDDs RAID with on-board RAID: 1700003194 x 3 + IDT-5230E x 1
3. To support 4 2.5” SATA HDDs RAID with on-board RAID: 1700003194 x 4 + 96RACK-5SS-
CAGE-CR x 1
Validated OS
Advantech P/N
OS for Embedded System
968QS28F08
Windows Server® 2008 with Hyper-V™ Standard 64 Bit
968QSV2845
Windows Server® 2008 without Hyper-V™ Standard 64 Bit
968QW7PROE
Windows® 7 Professional 64 Bit


Similar Part No. - 1700008822

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1700008822 ADVANTECH-1700008822 Datasheet
406Kb / 2P
   4U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller,Supporting 40-output Video Wall
1700008822 ADVANTECH-1700008822 Datasheet
518Kb / 2P
   6U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller, Supporting 40-output Video Wall
1700008822 ADVANTECH-1700008822 Datasheet
599Kb / 2P
   6U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller, Supporting 40-output Video Wall
6-Oct-2015
1700008822 ADVANTECH-1700008822 Datasheet
497Kb / 2P
   AMD T40E/T16R ISA Half-size SBC with Dual Independent Display/Dual GbE/ SATA/USB/m-SATA/COM/LPT
4-Oct-2021
More results

Similar Description - 1700008822

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AVS-840-01A1E ADVANTECH-AVS-840-01A1E Datasheet
406Kb / 2P
   4U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller,Supporting 40-output Video Wall
AVS-860-01A1E ADVANTECH-AVS-860-01A1E Datasheet
518Kb / 2P
   6U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller, Supporting 40-output Video Wall
AVS-860 ADVANTECH-AVS-860_V01 Datasheet
599Kb / 2P
   6U Intel짰 Xeon짰 E3-1200V2 Video Wall Controller, Supporting 40-output Video Wall
6-Oct-2015
AVS-543-01A1E ADVANTECH-AVS-543-01A1E Datasheet
904Kb / 2P
   4U Intel짰 Xeon짰 E5-2600 Video Wall Controller, Supporting 20-output / 20-input Video Wall
AVS-542-00A1E ADVANTECH-AVS-542-00A1E Datasheet
1Mb / 2P
   4U Intel짰 Xeon짰 E5-2600 Video Wall Controller Supporting 20 output / 15-40 input Video Wall
AVS-240 ADVANTECH-AVS-240_15 Datasheet
637Kb / 2P
   4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
AVS-290 ADVANTECH-AVS-290 Datasheet
2Mb / 2P
   Desktop/Wallmount Xeon E3-1200 Video Wall Controller Supporting Dual Matrox Mura MPX
AVS-240 ADVANTECH-AVS-240 Datasheet
1Mb / 2P
   4U Rackmount Xeon E5-2400 Video Wall Controller, Supporting 21 Matrox Mura MPX
AVS-290 ADVANTECH-AVS-290_15 Datasheet
890Kb / 2P
   Desktop/Wallmount Intel Xeon E3-1200 Video Wall Controller
AVS-540 ADVANTECH-AVS-540 Datasheet
488Kb / 2P
   4U Rackmount Xeon E5-2600 Video Wall Controller, Supporting 5 Matrox Mura MPX-4/4 & 1 Mura MPX-V16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com