Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX337EAI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX337EAI
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX337EAI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX337EAI Datasheet HTML 1Page - Maxim Integrated Products MAX337EAI Datasheet HTML 2Page - Maxim Integrated Products MAX337EAI Datasheet HTML 3Page - Maxim Integrated Products MAX337EAI Datasheet HTML 4Page - Maxim Integrated Products MAX337EAI Datasheet HTML 5Page - Maxim Integrated Products MAX337EAI Datasheet HTML 6Page - Maxim Integrated Products MAX337EAI Datasheet HTML 7Page - Maxim Integrated Products MAX337EAI Datasheet HTML 8Page - Maxim Integrated Products MAX337EAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Off Isolation (Note 6)
dB
-82
VISO
3.5
10
Q
Charge Injection (Note 3)
100
500
ns
tON(EN)
Enable Turn-On Time
250
500
10
50
tOPEN
Break-Before-Make Interval
µA
-1.0
1.0
IAL
Input Current with
Input Voltage Low
µA
-1.0
0.001
1.0
IAH
Input Current with
Input Voltage High
µA
-10
10
I-
Negative Supply Current
-1
1
1100
I+
Positive Supply Current
400
700
V
±4.5
±20
Power-Supply Range
-1
0.01
1
µA
-10
10
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
Crosstalk Between Channels
VCT
-86
dB
Logic Input Capacitance
CIN
2
pF
NO-Off Capacitance
CNO(OFF)
2
pF
20
COM-Off Capacitance
CCOM(OFF)
10
pF
22
COM-On Capacitance
CCOM(ON)
12
pF
VEN = 0V, RL = 1kΩ, f = 100kHz, TA = +25°C
VEN = 0V or 2.4V, VA = 0V
CL = 100pF, VNO = 0V, RS = 0Ω, Figure 6,
TA = +25°C
VA = 2.4V or 15V
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
Figure 4, TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
CONDITIONS
VEN = 2.4V, f = 100kHz, VGEN = 1Vp-p,
RL = 1kΩ, Figure 7, TA = +25°C
f = 1MHz, TA = +25°C
f = 1MHz, VEN = VNO = 0V, Figure 8, TA = +25°C
MAX336
MAX336
Figure 3
VEN = 0V or 2.4V;
VA(ALL) = 0V, 2.4V, or 5V
VEN = 2.4V,
VA(ALL) = 2.4V
VEN = VA = 0V
f = 1MHz, VEN = 0.8V,
VCOM = 0V, Figure 8,
TA = +25°C
f = 1MHz, VEN = 2.4V,
VCOM = 0V, Figure 8,
TA = +25°C
ns
200
500
tTRANS
Transition Time
Figure 2, TA = +25°C
pC
tOFF(EN)
Enable Turn-Off Time
Figure 3
INPUT
SUPPLY
DYNAMIC
MAX337
MAX337
ns
TA = TMIN to TMAX
TA = TMIN to TMAX
ns
750
750


Similar Part No. - MAX337EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX337 MAXIM-MAX337 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX3370ELT+T MAXIM-MAX3370ELT+T Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX3370EXK+T MAXIM-MAX3370EXK+T Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX3370EXK-T MAXIM-MAX3370EXK-T Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
More results

Similar Description - MAX337EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX336 MAXIM-MAX336_V01 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338_V4 MAXIM-MAX338_V4 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338_V01 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com