Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3440EESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3440EESA
Description  짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3440EESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3440EESA Datasheet HTML 1Page - Maxim Integrated Products MAX3440EESA Datasheet HTML 2Page - Maxim Integrated Products MAX3440EESA Datasheet HTML 3Page - Maxim Integrated Products MAX3440EESA Datasheet HTML 4Page - Maxim Integrated Products MAX3440EESA Datasheet HTML 5Page - Maxim Integrated Products MAX3440EESA Datasheet HTML 6Page - Maxim Integrated Products MAX3440EESA Datasheet HTML 7Page - Maxim Integrated Products MAX3440EESA Datasheet HTML 8Page - Maxim Integrated Products MAX3440EESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Selector Guide
General Description
The MAX3440E–MAX3444E fault-protected RS-485 and
J1708 transceivers feature
±60V protection from signal
faults on communication bus lines. Each device contains
one differential line driver with three-state output and one
differential line receiver with three-state input. The 1/4-unit-
load receiver input impedance allows up to 128 trans-
ceivers on a single bus. The devices operate from a 5V
supply at data rates of up to 10Mbps. True fail-safe inputs
guarantee a logic-high receiver output when the receiver
inputs are open, shorted, or connected to an idle data line.
Hot-swap circuitry eliminates false transitions on the
data bus during circuit initialization or connection to a
live backplane. Short-circuit current-limiting and ther-
mal shutdown circuitry protect the driver against exces-
sive power dissipation, and on-chip
±15kV ESD
protection eliminates costly external protection devices.
The MAX3440E–MAX3444E are available in 8-pin SO
and PDIP packages and are specified over industrial
and automotive temperature ranges.
Applications
RS-422/RS-485 Communications
Truck and Trailer Applications
Industrial Networks
Telecommunications Systems
Automotive Applications
HVAC Controls
Features
o ±15kV ESD Protection
o ±60V Fault Protection
o Guaranteed 10Mbps Data Rate
(MAX3441E/MAX3443E)
o Hot Swappable for Telecom Applications
o True Fail-Safe Receiver Inputs
o Enhanced Slew-Rate-Limiting Facilitates
Error-Free Data Transmission
(MAX3440E/MAX3442E/MAX3444E)
o Allow Up to 128 Transceivers on the Bus
o -7V to +12V Common-Mode Input Range
o Automotive Temperature Range (-40°C to +125°C)
o Industry-Standard Pinout
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
1
2
3
4
8
5
VCC
GND
DI
DE/RE
RO
FAULT
R
D
Rt
Rt
7
6
D
R
DE/RE
FAULT
DI
RO
A
B
1
2
3
4
8
7
6
5
VCC
B
A
GND
DI
DE/RE
RO
FAULT
DIP/SO
DIP/SO
B
A
MAX3440E
MAX3441E
R
D
Pin Configurations and Typical Operating Circuits
Ordering Information
19-2666; Rev 0; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX3440EESA
-40°C to +85°C
8 SO
MAX3440EEPA
-40°C to +85°C
8 PDIP
MAX3440EASA
-40°C to +125°C
8 SO
MAX3440EAPA
-40°C to +125°C
8 PDIP
PART
TYPE
DATA RATE
(Mbps)
LOW-POWER
SHUTDOWN
RECEIVER/DRIVER
ENABLE
TRANSCEIVERS
ON BUS
HOT SWAP
MAX3440E
RS-485
0.25
No
Yes
128
Yes
MAX3441E
RS-485
2.5 to 10
No
Yes
128
Yes
MAX3442E
RS-485
0.25
Yes
Yes
128
Yes
MAX3443E
RS-485
2.5 to 10
Yes
Yes
128
Yes
MAX3444E
J1708
0.25
Yes
Yes
128
Yes (only RE)
Ordering Information continued at end of data sheet.
Pin Configurations and Typical Operating Circuits continued at end of data sheet.


Similar Part No. - MAX3440EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440EESA++ MAXIM-MAX3440EESA+ Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440EESA++ MAXIM-MAX3440EESA+ Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
More results

Similar Description - MAX3440EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com