Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX337MJI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX337MJI
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX337MJI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX337MJI Datasheet HTML 1Page - Maxim Integrated Products MAX337MJI Datasheet HTML 2Page - Maxim Integrated Products MAX337MJI Datasheet HTML 3Page - Maxim Integrated Products MAX337MJI Datasheet HTML 4Page - Maxim Integrated Products MAX337MJI Datasheet HTML 5Page - Maxim Integrated Products MAX337MJI Datasheet HTML 6Page - Maxim Integrated Products MAX337MJI Datasheet HTML 7Page - Maxim Integrated Products MAX337MJI Datasheet HTML 8Page - Maxim Integrated Products MAX337MJI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
_______________________________________________________________________________________
5
700
600
500
400
300
100
200
0
VCOM (V)
-10
-15
-20
-5
0
5
10
15
20
ON-RESISTANCE vs. VCOM
V± = ±5V
V± = ±10V
V± = ±20V
V± = ±15V
350
300
250
200
150
100
50
0
-10
-15
-5
0
10
5
15
ON-RESISTANCE vs. VCOM OVER
TEMPERATURE (DUAL SUPPLIES)
TA = +85°C
TA = +125°C
TA = +25°C
TA = -40°C
VCOM (V)
1800
1600
1400
1200
1000
800
400
200
600
0
VCOM (V)
4
2
0
6
8
10 12 14 16 18 20
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
V+ = +5V
V+ = +9V
V+ = +12V
V+ = +20V
V- = 0V
V+ = +15V
500
450
400
350
300
250
200
50
150
100
0
VCOM (V)
4
2
0
6
8
12
10
14
ON-RESISTANCE vs. VCOM OVER
TEMPERATURE (SINGLE SUPPLY)
TA = -40°C
TA = +125°C
TA = +85°C
TA = +25°C
10
8
6
4
2
0
-4
-2
-6
VCOM (V)
-10
-15
-5
0
5
10
15
CHARGE INJECTION
vs. VCOM
V+ = +12V
V- = 0V
V+ = +15V
V- = -15V
10
0.0001
-55
125
OFF LEAKAGE vs. TEMPERATURE
1
TEMPERATURE (°C)
25
0.01
0.001
-35 -15
65
0.1
100
1000
45
85
105
5
INO (OFF)
ICOM (OFF)
V+ = +15V
V- = -15V
10
0.0001
-55
125
ON LEAKAGE vs. TEMPERATURE
1
TEMPERATURE (°C)
25
0.01
0.001
-35 -15
65
0.1
100
1000
45
85
105
5
ICOM (ON)
V+ = +15V
V- = -15V
100
0.001
-55
125
SUPPLY CURRENT vs. TEMPERATURE
10
TEMPERATURE (°C)
25
0.1
0.01
-35 -15
65
1
45
85
105
5
1000
I-, I+, VA = 0V
I+, VA(ALL) = 2.4V
1000
900
800
700
600
500
400
100
300
200
0
SUPPLY VOLTAGE (V)
7
6
8
9
10
5
11 12
14
13
15
TRANSITION TIME
vs. POWER SUPPLIES
SINGLE SUPPLY
DUAL SUPPLIES
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX337MJI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX337 MAXIM-MAX337 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX3370ELT+T MAXIM-MAX3370ELT+T Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX3370EXK+T MAXIM-MAX3370EXK+T Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX3370EXK-T MAXIM-MAX3370EXK-T Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
More results

Similar Description - MAX337MJI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX336 MAXIM-MAX336_V01 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338_V4 MAXIM-MAX338_V4 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338_V01 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com