Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3389EEUG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3389EEUG
Description  2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3389EEUG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3389EEUG Datasheet HTML 3Page - Maxim Integrated Products MAX3389EEUG Datasheet HTML 4Page - Maxim Integrated Products MAX3389EEUG Datasheet HTML 5Page - Maxim Integrated Products MAX3389EEUG Datasheet HTML 6Page - Maxim Integrated Products MAX3389EEUG Datasheet HTML 7Page - Maxim Integrated Products MAX3389EEUG Datasheet HTML 8Page - Maxim Integrated Products MAX3389EEUG Datasheet HTML 9Page - Maxim Integrated Products MAX3389EEUG Datasheet HTML 10Page - Maxim Integrated Products MAX3389EEUG Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2.5V, ±15kV ESD-Protected RS-232
Transceivers for PDAs and Cell Phones
High Data Rates
The MAX3388E/MAX3389E maintain RS-232-compatible
transmitter output voltages even at high data rates. Figure
5 shows a transmitter loopback test circuit. Figure 6 shows
a loopback test result at 250kbps, and Figure 7 shows the
same test at 460kbps. For Figure 6, all transmitters were
driven simultaneously at 250kbps into RS-232 loads in
parallel with 1000pF. For Figure 7, a single transmitter was
driven at 460kbps, and all transmitters were loaded with
an RS-232 receiver in parallel with 150pF.
Power Switch
The MAX3388E/MAX3389E contain an internal switch
for powering external circuitry. This can be used to
power hot-sync circuitry or other low-power circuitry.
The switch on- resistance is typically 62
Ω. The SWIN
side of the switch is ESD protected to ±15kV.
Logic-Level I/O
In addition to the traditional RS-232 I/O, the
MAX3388E/MAX3389E have a logic-level transceiver
from the RS-232 connector side to the CMOS-logic
side. The input impedance is typically 30k
Ω, and the
output is open drain. The logic level I/O is active during
shutdown for the MAX3389E.
This I/O transceiver is useful for hot syncing or other
dedicated communication capability. The input is ESD
protected to ±15kV.
Typical PDA/Cell-Phone Application
The MAX3388E/MAX3389E designed with PDA applica-
tions in mind. Two transmitters and two receivers handle
standard full-duplex communication protocol, while an
extra transmitter allows a ring indicator (RI) signal to alert
the UART on the PC. Without the ring indicator transmit-
ter, solutions for these applications would require soft-
ware-intensive polling of the cradle inputs.
The RI signal is generated when a PDA, cellular phone, or
other “cradled” device is plugged into its cradle. This
generates a logic-low signal to RI transmitter input, creat-
ing +3.7V at the ring indicate pin. The PC’s UART RI input
is the only pin that can generate an interrupt from signals
arriving through the RS-232 port. The interrupt routine for
this UART will then service the RS-232 full-duplex com-
munication between the PDA and the PC.
As cell phone design becomes more like that of PDAs,
cell phones will require similar docking ability and com-
munication protocol. Cell phones operate on a single
lithium-ion (Li+) battery and generate a regulated out-
put voltage of +2.35V to +3V from the phone connector.
The baseband logic coming from the phone connector
can be as low as 1.8V at the transceivers. To prevent
forward biasing of a device internal to the cell phone,
the MAX3388E/MAX3389E come with a logic power-
supply pin (VL) that limits the logic levels presented to
MAX3388E
MAX3389E
5k
R_ IN
R_ OUT
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3
C1
C2
0.1
µF
VCC
SHDN
T_ OUT
T_ IN
GND
VCC
CL
Figure 5. Loopback Test Circuit
1
µs/div
T1IN
T1OUT
2V/div
5V/div
R1OUT
5V/div
CL = 1000pF
Figure 6. Loopback Test Results at 250kbps
_______________________________________________________________________________________
9


Similar Part No. - MAX3389EEUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX338 MAXIM-MAX338 Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
MAX338 MAXIM-MAX338 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3380E MAXIM-MAX3380E Datasheet
257Kb / 14P
   2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
More results

Similar Description - MAX3389EEUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3386E MAXIM-MAX3386E Datasheet
156Kb / 12P
   3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
MAX3387E MAXIM-MAX3387E Datasheet
181Kb / 16P
   3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
MAX3387E MAXIM-MAX3387E_10 Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com