Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3440EASA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3440EASA
Description  짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3440EASA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3440EASA Datasheet HTML 1Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 2Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 3Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 4Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 5Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 6Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 7Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 8Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Propagation Delay
tPLHA,
tPLHB
Figure 3, RL = 27
Ω, CL = 50pF
60
ns
Driver Differential Propagation Delay
tDPLH,
tDPHL
Figure 4, RL = 54
Ω, CL = 50pF
60
ns
Driver Differential Output
Transition Time
tLH,tHL
Figure 4, RL = 54
Ω, CL = 50pF
25
ns
Driver Output Skew
tSKEWAB,
tSKEWBA
RL = 54
Ω, CL = 50pF,
tSKEWAB = |tPLHA - tPHLB|,
tSKEWBA = |tPLHB - tPHLA|
10
ns
Differential Driver Output Skew
tDSKEW
RL = 54
Ω, CL = 50pF,
tDSKEW = |tDPLH - tDPHL|
10
ns
Maximum Data Rate
fMAX
10
Mbps
Driver Enable Time to Output High
tPDZH
Figure 5, RL = 500
Ω, CL = 50pF
1200
ns
Driver Disable Time from Output High
tPDHZ
Figure 5, RL = 500
Ω, CL = 50pF
1200
ns
Driver Enable Time from Shutdown to
Output High
tPDHS
Figure 5, RL = 500
Ω, CL = 50pF (MAX3443E)
4.2
µs
Driver Enable Time to Output Low
tPDZL
Figure 6, RL = 500
Ω, CL = 50pF
1200
ns
Driver Disable Time from Output Low
tPDLZ
Figure 6, RL = 500
Ω, CL = 50pF
1200
ns
Driver Enable Time from Shutdown to
Output Low
tPDLS
Figure 6, RL = 500
Ω, CL = 50pF (MAX3443E)
4.2
µs
Driver Time to Shutdown
tSHDN
Figure 6, RL = 500
Ω, CL = 50pF (MAX3443E)
800
ns
Receiver Propagation Delay
tRPLH,
tRPHL
Figure 7, CL = 20pF, VID = 2V, VCM = 0
85
ns
Receiver Output Skew
tRSKEW
CL = 20pF, tRSKEW = |tRPLH - tRPHL|15
ns
Receiver Enable Time to Output High
tRPZH
Figure 8, RL = 1k
Ω, CL = 20pF
400
ns
Receiver Disable Time from Output HightRPHZ
Figure 8, RL = 1k
Ω, CL = 20pF
400
ns
Receiver Wake Time from Shutdown
tRPWAKE
Figure 8, RL = 1k
Ω, CL= 20pF (MAX3443E)
4.2
µs
Receiver Enable Wake Time from
Shutdown
tRPSH
Figure 8, RL = 1k
Ω, CL = 20pF
400
ns
Receiver Disable Time from Output Low
tRPLZ
Figure 8, RL = 1k
Ω, CL= 20pF
400
ns
Receiver Time to Shutdown
tSHDN
RL = 500
Ω, CL= 50pF (MAX3443E)
800
ns
SWITCHING CHARACTERISTICS (MAX3441E/MAX3443E)
(VCC = +4.75V to +5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
Note 2:
∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 3: The short-circuit output current applies to peak current just before foldback current limiting; the short-circuit foldback output
current applies during current limiting to allow a recovery from bus contention.


Similar Part No. - MAX3440EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440EASA MAXIM-MAX3440EASA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440EASA++ MAXIM-MAX3440EASA+ Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440EASA++ MAXIM-MAX3440EASA+ Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
More results

Similar Description - MAX3440EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com