Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX336EAI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX336EAI
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336EAI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX336EAI Datasheet HTML 3Page - Maxim Integrated Products MAX336EAI Datasheet HTML 4Page - Maxim Integrated Products MAX336EAI Datasheet HTML 5Page - Maxim Integrated Products MAX336EAI Datasheet HTML 6Page - Maxim Integrated Products MAX336EAI Datasheet HTML 7Page - Maxim Integrated Products MAX336EAI Datasheet HTML 8Page - Maxim Integrated Products MAX336EAI Datasheet HTML 9Page - Maxim Integrated Products MAX336EAI Datasheet HTML 10Page - Maxim Integrated Products MAX336EAI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
_______________________________________________________________________________________
7
______________________________________________Test Circuits/Timing Diagrams
50%
tTRANS
tTRANS
tR < 20ns
tF < 20ns
VOUT
+3V
0V
VNO1
0V
VNO16
LOGIC
INPUT
VA
SWITCH
OUTPUT
+15V
VOUT
-15V
GND
V+
A1
V-
A2
A0
EN
NO1
NO2–NO15
NO16
COM
±5V
5V
±5V
5V
50
+2.4V
MAX336
1k
10pF
+15V
VOUT
-15V
GND
V+
A0
A2
V-
A3
A1
EN
NO1B
NO1A–NO8A,
COMA
NO8B
COMB
MAX337
1k
10pF
90%
90%
VEN
50
+2.4V
VEN
50%
tOFF(EN)
tR < 20ns
tF < 20ns
+3V
0V
0V
VOUT
LOGIC
INPUT
VEN
SWITCH
OUTPUT
VOUT
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
EN
NO1
NO2–NO16
COM
±5V
50
MAX336
1k
10pF
A3
90%
10%
tON(EN)
+15V
VOUT
-15V
GND
V+
A1
V-
A0
EN
NO1B
NO1A–NO8A,
NO2B–NO8B,
COMA
COMB
±5V
50
MAX337
1k
10pF
A2
VEN
VEN
Figure 2. Transition Time
Figure 3. Enable Switching Time


Similar Part No. - MAX336EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX336 MAXIM-MAX336 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX3362 MAXIM-MAX3362 Datasheet
315Kb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
MAX3362AKA MAXIM-MAX3362AKA Datasheet
315Kb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
MAX3362AKA+T MAXIM-MAX3362AKA+T Datasheet
1Mb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
2018
MAX3362EKA MAXIM-MAX3362EKA Datasheet
315Kb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
More results

Similar Description - MAX336EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX336 MAXIM-MAX336_V01 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338_V4 MAXIM-MAX338_V4 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338_V01 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com