Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPEL-L-HQ20-QBAR Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACPEL-L-HQ20-QBAR
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPEL-L-HQ20-QBAR Datasheet(HTML) 1 Page - Abracon Corporation

  ACPEL-L-HQ20-QBAR Datasheet HTML 1Page - Abracon Corporation ACPEL-L-HQ20-QBAR Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
ACPEL
20 X 12.6 X 7.2mm
APPLICATIONS:
• Gigabit ethernet
• Data telecommunications and networking
• xDSL, Stratum IV
• SONET/SDH
FEATURES:
• Low jitter PECL logic
• Tight overall frequency stability
• Fast rise and fall times
• Complementary output
• Wide frequency range.
Pb RoHS
Compliant
CRYSTAL CLOCK OSCILLATORS
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
g
n
i
W
ll
u
G
*
G
.
x
a
m
m
p
p
0
2
±
*
J
C
°
0
5
+
o
t
C
°
0
I
D
-10°C to +60°C
R
±25 ppm max.
Q30
0.30(7.62)
E
-20°C to +70°C
K
±30 ppm max.
Q25
0.25(6.35)
F
-30°C to +70°C
H
±35 ppm max.
Q20
0.20(5.08)
N
-30°C to +85°C
C
±50 ppm max.
Q15
0.15(3.81)
L
-40°C to +85°C
* Temp option I, D and E only
Q10
0.10(2.54)
* Solder composition Sn/Ag/Cu can only be used for G option.
Must be capable for IR or Wave Reflow methods.
PIN1 Option
Blank
N/C
Complementary
output
n
o
i
t
p
O
d
a
e
L
y
ti
li
b
a
t
S
.
q
e
r
F
Temperature Options
ACPEL - Frequency -
-
- -
QBAR
Frequency Stability
Supply Voltage (Vdd)
Frequency
ABRACON P/N
Storage Temperature
PARAMETERS
0.75 MHz - 800 MHz
ACPEL Series
Operating Temperature
0°C to +70°C (see options)
-55°C to +125°C
± 100 ppm max. (see options)
3.3Vdc ±5%
Supply Current
60 mA max. @100MHz
Symmetry
40/60% max.
Rise and Fall Times (Tr/ Tf)
1 ns max. @ 20~80%Vpp
Output Type
PECL square wave
Output Load
50Ω @Vcc -2Vdc
Aging
± 3.0ppm max./ year
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 10.23.10
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED


Similar Part No. - ACPEL-L-HQ20-QBAR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACPEL ABRACON-ACPEL Datasheet
531Kb / 1P
   FUNDAMENTAL FREQUENCY, LOW JITTER 5.0V or 3.3Vdc FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACPEL ABRACON-ACPEL Datasheet
156Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results

Similar Description - ACPEL-L-HQ20-QBAR

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com