Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX336MJI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX336MJI
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336MJI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX336MJI Datasheet HTML 4Page - Maxim Integrated Products MAX336MJI Datasheet HTML 5Page - Maxim Integrated Products MAX336MJI Datasheet HTML 6Page - Maxim Integrated Products MAX336MJI Datasheet HTML 7Page - Maxim Integrated Products MAX336MJI Datasheet HTML 8Page - Maxim Integrated Products MAX336MJI Datasheet HTML 9Page - Maxim Integrated Products MAX336MJI Datasheet HTML 10Page - Maxim Integrated Products MAX336MJI Datasheet HTML 11Page - Maxim Integrated Products MAX336MJI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
______________________________________________________________________________________
11
__Ordering Information (continued)
N.C
(COMB)
GND
A2
A1
A0
EN
A3
(N.C.)
0.139"
(3.53mm)
0.092"
(2.34mm)
V+
COM
(COMA)
V-
N09
(N01B)
N010
(N02B)
N011
(N03B)
N012
(N04B)
N013
(N05B)
N014
(N06B)
N015
(N07B)
N016
(N08B)
N08
(N08A)
N07
(N07A)
N06
(N06A)
N05
(N05A)
N04
(N04A)
N03
(N03A)
N02
(N02A)
N01
(N01A)
( ) ARE FOR MAX337
TRANSISTOR COUNT: 466
BACKSIDE IS V+
SUBSTRATE CONNECTED TO V+
28 Wide SO
0°C to +70°C
MAX337CWI
28 Plastic DIP
0°C to +70°C
MAX337CPI
28 Plastic DIP
-40°C to +85°C
MAX337EPI
Dice*
0°C to +70°C
MAX337C/D
28 SSOP
0°C to +70°C
MAX337CAI
28 Wide SO
-40°C to +85°C
MAX337EWI
28 SSOP
-40°C to +85°C
MAX337EAI
28 CERDIP**
-40°C to +85°C
MAX337EJI
28 CERDIP**
-55°C to +125°C
MAX337MJI
PART
TEMP. RANGE
PIN-PACKAGE
MAX336EPI
-40°C to +85°C
28 Plastic DIP
MAX336EWI
-40°C to +85°C
28 Wide SO
MAX336EAI
-40°C to +85°C
28 SSOP
28 CERDIP**
28 CERDIP**
-40°C to +85°C
-55°C to +125°C
MAX336MJI
MAX336EJI
___________________Chip Topography
* Contact factory for dice specifications.
** Contact factory for availability.


Similar Part No. - MAX336MJI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX336 MAXIM-MAX336 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX3362 MAXIM-MAX3362 Datasheet
315Kb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
MAX3362AKA MAXIM-MAX3362AKA Datasheet
315Kb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
MAX3362AKA+T MAXIM-MAX3362AKA+T Datasheet
1Mb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
2018
MAX3362EKA MAXIM-MAX3362EKA Datasheet
315Kb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
More results

Similar Description - MAX336MJI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX336 MAXIM-MAX336_V01 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338_V4 MAXIM-MAX338_V4 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338_V01 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com