Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX336MJI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX336MJI
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336MJI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX336MJI Datasheet HTML 1Page - Maxim Integrated Products MAX336MJI Datasheet HTML 2Page - Maxim Integrated Products MAX336MJI Datasheet HTML 3Page - Maxim Integrated Products MAX336MJI Datasheet HTML 4Page - Maxim Integrated Products MAX336MJI Datasheet HTML 5Page - Maxim Integrated Products MAX336MJI Datasheet HTML 6Page - Maxim Integrated Products MAX336MJI Datasheet HTML 7Page - Maxim Integrated Products MAX336MJI Datasheet HTML 8Page - Maxim Integrated Products MAX336MJI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CONDITIONS
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
4
_______________________________________________________________________________________
(Note 3)
pC
5.0
10
Q
Charge Injection
(Note 3)
ns
110
500
tOFF(EN)
Enable Turn-Off Time
(Note 3)
V
0
12
VNO,
VCOM
Analog Signal Range
ns
350
600
tON(EN)
Enable Turn-On Time
(Note 3)
ns
350
600
tTRANS
Transition Time (Note 3)
460
700
RON
On-Resistance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = 0V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2: The algebraic convention where the most negative value is a minimum and the most positive value a maximum is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Leakage parameters are 100% tested at the maximum rated hot temperature and guaranteed by correlation at TA = +25°C.
Note 6: Worst-case isolation is on channel 4 because of its proximity to the drain pin. Off isolation = 20log VCOM/VNO, where
VCOM = output and VNO = input to off switch.
INO = 0.2mA, VCOM = 3V or 10V, TA = +25°C
VNO_ = ±5V, VIN = 2.4V, Figure 1, TA = +25°C
VINH = 2.4V, VINL = 0V, VNO1 = 5V, Figure 3,
TA = +25°C
VINH = 2.4V, VINL = 0V, VNO1 = 5V, Figure 3,
TA = +25°C
CL = 100pF, VNO = 0V, RS = 0Ω, TA = +25°C
SWITCH
DYNAMIC
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
10
100
FREQUENCY RESPONSE
225
-225
-90
-45
0
45
-135
-180
90
135
180
MAX1336/337toc01
FREQUENCY (MHz)
1
50
Ω IN AND OUT
V+ = +15V
V- = -15V
ON PHASE
OFF LOSS
ON LOSS
100
0.001
10
10k
1k
100
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.01
FREQUENCY (Hz)
1
0.1
10
V+ = +15V
V- = -15V
SIGNAL = 5Vp-p
600
Ω IN AND OUT
100
10
1
0.1
0.01
0.0001
0.001
0.00001
VIN (V)
3
0
6
9
12
15
SUPPLY CURRENT
vs. INPUT VOLTAGE
CURRENT SHOWN IS FOR DRIVING
ONE INPUT; TOTAL V+ CURRENT IS
MULTIPLIED BY NUMBER OF LOGIC
INPUTS DRIVEN
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX336MJI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX336 MAXIM-MAX336 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX3362 MAXIM-MAX3362 Datasheet
315Kb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
MAX3362AKA MAXIM-MAX3362AKA Datasheet
315Kb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
MAX3362AKA+T MAXIM-MAX3362AKA+T Datasheet
1Mb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
2018
MAX3362EKA MAXIM-MAX3362EKA Datasheet
315Kb / 14P
   3.3V, High-Speed, RS-485/RS-422 Transceiver in SOT Package
19-2218; Rev 1; 5/02
More results

Similar Description - MAX336MJI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX336 MAXIM-MAX336_V01 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338_V4 MAXIM-MAX338_V4 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338_V01 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com