Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAMX16UP60A Datasheet(PDF) 1 Page - International Rectifier

Part # IRAMX16UP60A
Description  Integrated Power Hybrid IC for Appliance Motor Drive Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMX16UP60A Datasheet(HTML) 1 Page - International Rectifier

  IRAMX16UP60A_15 Datasheet HTML 1Page - International Rectifier IRAMX16UP60A_15 Datasheet HTML 2Page - International Rectifier IRAMX16UP60A_15 Datasheet HTML 3Page - International Rectifier IRAMX16UP60A_15 Datasheet HTML 4Page - International Rectifier IRAMX16UP60A_15 Datasheet HTML 5Page - International Rectifier IRAMX16UP60A_15 Datasheet HTML 6Page - International Rectifier IRAMX16UP60A_15 Datasheet HTML 7Page - International Rectifier IRAMX16UP60A_15 Datasheet HTML 8Page - International Rectifier IRAMX16UP60A_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.irf.com
1
Features
IRAMX16UP60A
Series
16A, 600V
Integrated Power Hybrid IC for
Appliance Motor Drive Applications.
Description
International Rectifier's IRAMX16UP60A is an Integrated Power Module developed and optimized for elec-
tronic motor control in appliance applications such as washing machines and variable speed compressor
drives for in-room air-conditioning systems and commercial refrigerators. Plug N Drive technology offers an
extremely compact, high performance AC motor-driver in a single isolated package for a very simple design.
An open emitter configuration of the low side IGBT switches offer easy current feedback and overcurrent
monitor for high precision and reliable control.
A built-in temperature monitor and over-current protection, along with the short-circuit rated IGBTs and
integrated under-voltage lockout function, deliver high level of protection and fail-safe operation.
The integration of the bootstrap diodes for the high-side driver section, and the single polarity power
supply required to drive the internal circuitry, simplify the utilization of the module and deliver further cost
reduction advantages.
PD-94684 RevD
• Integrated Gate Drivers and Bootstrap Diodes.
• Temperature Monitor
• Temperature and Overcurrent shutdown
• Fully Isolated Package.
• Low VCE (on) Non Punch Through IGBT Technology.
• Undervoltage lockout for all channels
• Matched propagation delay for all channels
• Low side IGBT emitter pins for current control
• Schmitt-triggered input logic
• Cross-conduction prevention logic
• Lower di/dt gate driver for better noise immunity
• Motor Power range 0.75~2kW / 85~253 Vac
• Isolation 2000V
RMS min
Absolute Maximum Ratings
Parameter
Description
Value
Units
VCES / VRRM
IGBT/Diode Blocking Voltage
600
V
+
Positive Bus Input Voltage
450
IO @ TC=25°C
RMS Phase Current (Note 1)
16
IO @ TC=100°C
RMS Phase Current (Note 1)
8
IO
Pulsed RMS Phase Current (Note 2)
30
FPWM
PWM Carrier Frequency
20
kHz
PD
Power dissipation per IGBT @ TC =25°C
31
W
VISO
Isolation Voltage (1min)
2000
VRMS
TJ (IGBT & Diodes)
Operating Junction temperature Range
-40 to +150
TJ (Driver IC)
Operating Junction temperature Range
-40 to +150
T
Mounting torque Range (M3 screw)
0.5 to 1.0
Nm
Note 1: Sinusoidal Modulation at V
+=400V, T
J=150°C, FPWM=16kHz, Modulation Depth=0.8, PF=0.6, See Figure 3.
Note 2: tP<100ms; TC=25°C; FPWM=16kHz. Limited by IBUS-ITRIP, see Table "Inverter Section Electrical Characteristics"
V
A
°C


Similar Part No. - IRAMX16UP60A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results

Similar Description - IRAMX16UP60A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS12UP60A-2 IRF-IRAMS12UP60A-2 Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com