Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAMX16UP60B Datasheet(PDF) 8 Page - International Rectifier

Part # IRAMX16UP60B
Description  Integrated Power Hybrid IC for Appliance Motor Drive Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMX16UP60B Datasheet(HTML) 8 Page - International Rectifier

Back Button IRAMX16UP60B_15 Datasheet HTML 4Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 5Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 6Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 7Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 8Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 9Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 10Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 11Page - International Rectifier IRAMX16UP60B_15 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IRAMX16UP60B
8
www.irf.com
Module Pin-Out Description
1
23
Pin
Name
Description
1
VB3
High Side Floating Supply Voltage 3
2
W,VS3
Output 3 - High Side Floating Supply Offset Voltage
3NA
none
4
VB2
High Side Floating Supply voltage 2
5
V,VS2
Output 2 - High Side Floating Supply Offset Voltage
6NA
none
7
VB1
High Side Floating Supply voltage 1
8
U, VS1
Output 1 - High Side Floating Supply Offset Voltage
9NA
none
10
V+
Positive Bus Input Voltage
11
NA
none
12
V-
Negative Bus Input Voltage
13
VTH
Temperature Feedback
14
VCC
+15V Main Supply
15
HIN1
Logic Input High Side Gate Driver - Phase 1
16
HIN2
Logic Input High Side Gate Driver - Phase 2
17
HIN3
Logic Input High Side Gate Driver - Phase 3
18
LIN1
Logic Input Low Side Gate Driver - Phase 1
19
LIN2
Logic Input Low Side Gate Driver - Phase 2
20
LIN3
Logic Input Low Side Gate Driver - Phase 3
21
FAULT
Fault Indicator
22
ITRIP
Current Sense and Itrip Pin
23
VSS
Negative Main Supply


Similar Part No. - IRAMX16UP60B_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
More results

Similar Description - IRAMX16UP60B_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS12UP60A-2 IRF-IRAMS12UP60A-2 Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com