Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KE532 Datasheet(PDF) 1 Page - ORION FANS

Part # KE532
Description  Short Fan Tray
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

KE532 Datasheet(HTML) 1 Page - ORION FANS

  KE532 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High performance, cost-effective cooling
solution for racks and enclosures
Short Fan Tray
ORION. We’ll make YOU a fan.
OA300ST Series
Triple fan tray
310 CFM
432x203x44.5mm
Features and Benefits
· Lowest cost 3-position fan tray
· Easily slides into any standard 19” rack
· Modular power cord, resettable circuit breaker and
lighted rocker switch are standard features
· Dual voltage power cord for 115 VAC or 230 VAC
· Sealed ball bearing fans offer 60,000 hour life expectancy
· Low noise versions available
· Available and in stock now for Worldwide delivery
Orion Fans
10557 Metric Drive
Dallas, TX 75243
www.orionfans.com
Ph: 800.323.2439
214.340.0265
Fax: 214.340.5870


Similar Part No. - KE532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KE5BCCA1M ETC1-KE5BCCA1M Datasheet
97Kb / 2P
   Classification CAM
More results

Similar Description - KE532

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA600ST ORIONFANS-OA600ST Datasheet
583Kb / 1P
   6-Position Short Fan Tray
logo
Bud Industries, Inc.
FT-1979 BUD-FT-1979 Datasheet
156Kb / 1P
   FAN TRAY ASSEMBLY
FT-1973 BUD-FT-1973 Datasheet
85Kb / 1P
   FAN TRAY ASSEMBLY
FT-1170 BUD-FT-1170 Datasheet
70Kb / 1P
   FAN TRAY ASSEMBLY
FT-1976 BUD-FT-1976 Datasheet
120Kb / 1P
   FAN TRAY ASSEMBLY
logo
ORION FANS
OA406 ORIONFANS-OA406 Datasheet
540Kb / 1P
   1U High Fan Tray with Redundant Power
OA300ST-120 ORIONFANS-OA300ST-120 Datasheet
913Kb / 1P
   Environment Responsive Smart Fan Tray 432 x 203 x 44.5mm
logo
Molex Electronics Ltd.
0955032884 MOLEX1-0955032884_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 8/8, No Key Version, Short, Tray
logo
PANDUIT CORP.
FMT1 PANDUIT-FMT1 Datasheet
108Kb / 2P
   FIBER MOUNT TRAY (FIXED TRAY) IRU (FMTI)
2/26/02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com