Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAMX20UP60A Datasheet(PDF) 6 Page - International Rectifier

Part # IRAMX20UP60A
Description  Integrated Gate Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMX20UP60A Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAMX20UP60A Datasheet HTML 2Page - International Rectifier IRAMX20UP60A Datasheet HTML 3Page - International Rectifier IRAMX20UP60A Datasheet HTML 4Page - International Rectifier IRAMX20UP60A Datasheet HTML 5Page - International Rectifier IRAMX20UP60A Datasheet HTML 6Page - International Rectifier IRAMX20UP60A Datasheet HTML 7Page - International Rectifier IRAMX20UP60A Datasheet HTML 8Page - International Rectifier IRAMX20UP60A Datasheet HTML 9Page - International Rectifier IRAMX20UP60A Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IRAMX20UP60A
6
www.irf.com
Input-Output Logic Level Table
T/ITRIP
HIN1,2,3
LIN1,2,3
U,V,W
001
V+
0100
011
Off
1X
X
Off
Ho
Lo
U,V,W
IC
Driver
V+
Hin1,2,3
Lin1,2,3
(15,16,17)
(18,19,20)
(8,5,2)
Thermal and Mechanical Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
Rth(J-C)
Thermal resistance, per IGBT
---
1.5
2.2
Rth(J-C)
Thermal resistance, per Diode
---
55.5
Rth(C-S)
Thermal resistance, C-S
---
0.1
---
CD
Creepage Distance
3.2
---
---
mm
See outline Drawings
°C/W
Flat, greased surface. Heatsink
compound thermal conductivity
1W/mK
Internal NTC - Thermistor Characteristics
Parameter
Definition
Min
Typ
Max
Units Conditions
R25
Resistance
97
100
103
k
TC = 25°C
R125
Resistance
2.25
2.52
2.80
k
TC = 125°C
B
B-constant (25-50°C)
4165
4250
4335
k
R2 = R1e
[B(1/T2 - 1/T1)]
Temperature Range
-40
125
°C
Typ. Dissipation constant
1
mW/°C TC = 25°C


Similar Part No. - IRAMX20UP60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
240Kb / 17P
   20A, 600V with open Emitter Pins
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
612Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX20UP60A-2 IRF-IRAMX20UP60A-2 Datasheet
612Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX20UP60A IRF-IRAMX20UP60A_06 Datasheet
612Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results

Similar Description - IRAMX20UP60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM808-204MH IRF-IRSM808-204MH_15 Datasheet
513Kb / 10P
   Integrated gate drivers and bootstrap functionality
IRAM256-2067A IRF-IRAM256-2067A_15 Datasheet
1Mb / 17P
   Integrated gate drivers and bootstrap diodes
IRSM836-035MA IRF-IRSM836-035MA_15 Datasheet
517Kb / 19P
   Integrated gate drivers and bootstrap functionality
IRSM836-035MB IRF-IRSM836-035MB_15 Datasheet
536Kb / 19P
   Integrated gate drivers and bootstrap functionality
IRSM836-045MA IRF-IRSM836-045MA_15 Datasheet
556Kb / 19P
   Integrated gate drivers and bootstrap functionality
IRSM807-045MH IRF-IRSM807-045MH_15 Datasheet
358Kb / 11P
   Integrated gate drivers and bootstrap functionality
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
IRSM836-044MA IRF-IRSM836-044MA_15 Datasheet
738Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X6Q1B INFINEON-IM111-X6Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com