Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAUDAMP4A Datasheet(PDF) 10 Page - International Rectifier

Part # IRAUDAMP4A
Description  120 W x 2 Channel Class D Audio Power Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP4A Datasheet(HTML) 10 Page - International Rectifier

Back Button IRAUDAMP4A_15 Datasheet HTML 6Page - International Rectifier IRAUDAMP4A_15 Datasheet HTML 7Page - International Rectifier IRAUDAMP4A_15 Datasheet HTML 8Page - International Rectifier IRAUDAMP4A_15 Datasheet HTML 9Page - International Rectifier IRAUDAMP4A_15 Datasheet HTML 10Page - International Rectifier IRAUDAMP4A_15 Datasheet HTML 11Page - International Rectifier IRAUDAMP4A_15 Datasheet HTML 12Page - International Rectifier IRAUDAMP4A_15 Datasheet HTML 13Page - International Rectifier IRAUDAMP4A_15 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
www.irf.com
9
IRAUDAMP4A
0
100
200
300
400
500
600
10%
20%
30%
40%
50%
60%
70%
80%
90%
Duty Cycle
Figure 5. Typical Lock Frequency Range vs. PWM Duty Ratio
(Self-oscillating frequency set to 400 kHz with no input)
As illustrated by the THD+N Ratio vs. Output Power results (Figure 6) , the noise levels
increase slightly when all channels are driven (ACD) with the self oscillator, especially
below the 5 W range. Residual noise typically increases by a third or more (see
“Specifications – Audio Performance”) compared to a single-channel driven (SCD)
configuration. Locking the oscillator frequency results in lowering the residual noise to
that of a single-channel-driven system. The output power range, for which the frequency-
locking is successful, depends on what the locking frequency is with respect to the self-
oscillating frequency. As illustrated in Figure 6, the locking frequency is lowered (from
450 kHz to 400 kHz to 350 kHz and then 300 kHz) as the output power range (where
locking is achieved) is extended. Once locking is lost, however, the audio performance
degrades, but the increase in THD seems independent from the clock frequency.
Therefore, a 300 kHz clock frequency is recommended.
It is possible to improve the THD performance by increasing the corner frequency of the
high pass filter (HPF) (R17 and C15 for Ch1) that is used to inject the clock signal. This
drop in THD, however, comes at the cost of reducing the locking range. Resistor values
of up to 100 kΩ and capacitor values down to 10 pF can be used.
In the IRAUDAMP4A, this switching frequency lock/synchronization feature is achieved
with either an internal or external clock input (selectable through S3). If an internal (INT)
clock is selected, an internally-generated clock signal will be used, adjusted by setting
potentiometer R113 “INT FREQ.” If external (EXT) clock signal is selected, a 0 V to 5 V
square-wave (~50% duty ratio) logic signal must be applied to BNC connector J17.
Locking range
Self-oscillating frequency
Suggested clock frequency
for maximum locking range


Similar Part No. - IRAUDAMP4A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP4 IRF-IRAUDAMP4 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP4A_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP4 IRF-IRAUDAMP4 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
International Rectifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com