Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAUDAMP7D Datasheet(PDF) 6 Page - International Rectifier

Part # IRAUDAMP7D
Description  25W-500W Scalable Output Power
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP7D Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAUDAMP7D_15 Datasheet HTML 2Page - International Rectifier IRAUDAMP7D_15 Datasheet HTML 3Page - International Rectifier IRAUDAMP7D_15 Datasheet HTML 4Page - International Rectifier IRAUDAMP7D_15 Datasheet HTML 5Page - International Rectifier IRAUDAMP7D_15 Datasheet HTML 6Page - International Rectifier IRAUDAMP7D_15 Datasheet HTML 7Page - International Rectifier IRAUDAMP7D_15 Datasheet HTML 8Page - International Rectifier IRAUDAMP7D_15 Datasheet HTML 9Page - International Rectifier IRAUDAMP7D_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
www.irf.com
Page 6 of 41
IRAUDAMP7D REV 2.9
Fig 1 Typical Test Setup
Connector Description
CH1 IN
RCA1A Analog input for CH1
CH2 IN
RCA1B Analog input for CH2
SUPPLY
CNN1
Positive and negative supply (+B / -B)
CH1 OUT
SPK1A
Output for CH1
CH2 OUT
SPK1B
Output for CH2
Switches Descriptions
S1
Shutdown PWM
S300
Half bridge / Full bridge select
Indicator Description
LED1A, B
PWM (presence of low side gate signal)
LED2A,B
Protection
SPK1A
SPK1B
G
LED1
+B, 5A DC supply
4 Ohm
4 Ohm
-B, 5A DC supply
Audio Signal
LED2
LED1
LED2
S1
S300
CNN1
RCA1A
RCA1B


Similar Part No. - IRAUDAMP7D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP7D IRF-IRAUDAMP7D Datasheet
649Kb / 43P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092 Protected Digital Audio Driver
More results

Similar Description - IRAUDAMP7D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP7S IRF-IRAUDAMP7S_15 Datasheet
821Kb / 42P
   25W-500W Scalable Output Power
IRAUDAMP7S IRF-IRAUDAMP7S Datasheet
821Kb / 42P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092S Protected Digital Audio Driver
RAUDAMP7S IRF-RAUDAMP7S Datasheet
821Kb / 43P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092S Protected Digital Audio Driver
IRAUDAMP7D IRF-IRAUDAMP7D Datasheet
649Kb / 43P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092 Protected Digital Audio Driver
logo
MicroPower Direct, LLC
MPM-25SV MPD-MPM-25SV Datasheet
905Kb / 4P
   25W Output Power
logo
DAICO Industries, Inc.
DAMD9227 DAICO-DAMD9227 Datasheet
148Kb / 1P
   25W Power Output Amplifier
logo
C&D Technologies
TPS_PCI500_4D CANDD-TPS_PCI500_4D Datasheet
491Kb / 4P
   500W Quad Output Power Supply
logo
TDK Electronics
GWS TDK-GWS Datasheet
320Kb / 2P
   Single Output 250 & 500W Power Supplies
logo
SL Power Electronics
MINT1500 SLPOWER-MINT1500 Datasheet
466Kb / 7P
   500W Single Output
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com