Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3442EASA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3442EASA
Description  짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3442EASA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3442EASA Datasheet HTML 7Page - Maxim Integrated Products MAX3442EASA Datasheet HTML 8Page - Maxim Integrated Products MAX3442EASA Datasheet HTML 9Page - Maxim Integrated Products MAX3442EASA Datasheet HTML 10Page - Maxim Integrated Products MAX3442EASA Datasheet HTML 11Page - Maxim Integrated Products MAX3442EASA Datasheet HTML 12Page - Maxim Integrated Products MAX3442EASA Datasheet HTML 13Page - Maxim Integrated Products MAX3442EASA Datasheet HTML 14Page - Maxim Integrated Products MAX3442EASA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
______________________________________________________________________________________
11
Function Tables
INPUTS
OUTPUTS
A-B
VID DIFFERENTIAL
INPUT VOLTAGE
COMMON-MODE
VOLTAGE
RO
FAULT
CONDITIONED
BY DELAY
FAULT CONDITION
≥0.45V
1
0
Normal operation
<0.45V and
≥0.27V
1
Indeterminate
Indeterminate
<0.27V and
≥-0.05V
1
1
Low-input differential voltage
≤-0.05V and ≥-0.2V
Indeterminate
(Note 1)
1
Low-input differential voltage
≤-0.2V and >-0.27V
0
1
Low-input differential voltage
≤-0.27V and >-0.45V
0
Indeterminate
≤-0.45V
≤12V and ≥-7V
00
Indeterminate
X
<-7V or >+12V
Indeterminate
1
Outside common-mode voltage range
Table 1. MAX3440E/MAX3441E Fault Table
X = Don’t care.
Note 1: Receiver output may oscillate with this differential input condition.
TRANSMITTING
INPUTS
OUTPUTS
DE/RE
DI
A
B
0
X
High-Z
High-Z
10
01
11
10
Table 2. MAX3440E/MAX3441E
(RS-485/RS-422)
X = Don’t care.
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
A
B
0
0
X
High-Z
High-Z
01
001
01
110
1
0
X
Shutdown
Shutdown
11
001
11
110
Table 3. MAX3442E/MAX3443E
(RS-485/RS-422)
X = Don’t care.
TRANSMITTING
INPUTS
OUTPUTS
CONDITIONS
TXD
DE
AB
0
1
High-Z
High-Z
1
1
High-Z
High-Z
0
0
1
0
Dominant state
1
0
High-Z
High-Z
Recessive state
Table 4. MAX3444E (J1708) Application
RECEIVING
INPUTS
OUTPUTS
DE/RE
(A - B)
RO
0
≥-0.05V
1
0
≤-0.2V
0
0
Open/shorted
1
1
X
High-Z
Table 5. MAX3440E/MAX3441E
(RS-485/RS-422)
X = Don’t care.


Similar Part No. - MAX3442EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3442E MAXIM-MAX3442E Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
More results

Similar Description - MAX3442EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com