Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAUDAMP9 Datasheet(PDF) 6 Page - International Rectifier

Part # IRAUDAMP9
Description  Class D Audio Power Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP9 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAUDAMP9 Datasheet HTML 2Page - International Rectifier IRAUDAMP9 Datasheet HTML 3Page - International Rectifier IRAUDAMP9 Datasheet HTML 4Page - International Rectifier IRAUDAMP9 Datasheet HTML 5Page - International Rectifier IRAUDAMP9 Datasheet HTML 6Page - International Rectifier IRAUDAMP9 Datasheet HTML 7Page - International Rectifier IRAUDAMP9 Datasheet HTML 8Page - International Rectifier IRAUDAMP9 Datasheet HTML 9Page - International Rectifier IRAUDAMP9 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
www.irf.com
IRAUDAMP9 REV 2.0
Page 6 of 39
Connector Description
CH1 IN
J7
Analog input for CH1
POWER
J3
Positive and negative supply (+B / -B)
CH1 OUT
J1
Output for CH1
EXT CLK
J6
External clock sync
DCP OUT
J8
DC protection relay output
Test Procedures
Test Setup:
1. Connect 2
Ω - 3000 W dummy loads to the output connectors (J1 as shown on Figure 1).
2. Connect the Audio Precision Analyzer (AP) signal Generator output to J7.
3. Initially set the voltages of the dual power supplies to ±75V with current limits to 0.5 A.
4. Make sure to TURN OFF the dual power supplies before connecting to the unit under test
(UUT).
5. Set switch S1 to middle position (self oscillating).
6. Set volume level knob R130 fully counter-clockwise (minimum volume).
7. Connect the dual power supply to J3 as shown in Figure 1.
Power up:
8. Turn ON the dual power supply. The ±B supplies must be applied and removed at the
same time.
9. Red LED (Protection) should turn on almost immediately and turn off after about 3s.
10. Green LED (Normal) then turns on after the red LED is extinguished and should stay ON.
11. Note the quiescent current for the positive supply should be 67mA
±10mA at +75V.
12. Quiescent current for the negative supply should be 105mA
±15mA at –75V.
13. Push switch S3 (Trip and Reset push-button) to restart the LEDs sequence, which should
be the same as noted above in steps 9 and 10.
Switching Frequency test
14. Monitor switching waveform at VS1/J4 (pins 9-12) of CH1 on Daughter Board using an
oscilloscope.
15. For IRAUDAMP9, the self-oscillating switching frequency is pre-calibrated to 300 kHz.
To modify the IRAUDAMP9 frequency, adjust the potentiometer P1 for CH1.


Similar Part No. - IRAUDAMP9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9 Datasheet
6Mb / 39P
   1.7 kW / 2-廓 Single Channel Class D Audio Power Amplifier Using the IRS2092S and IRFB4227
More results

Similar Description - IRAUDAMP9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
logo
ON Semiconductor
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
   Class-D Audio power Amplifier
May, 2013
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
   Class D audio power amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
   Class-D Audio Power Amplifier
May, 2013
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com