Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAUDAMP17 Datasheet(PDF) 4 Page - International Rectifier

Part # IRAUDAMP17
Description  100W/4 x 2 Channel Class D Audio Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP17 Datasheet(HTML) 4 Page - International Rectifier

  IRAUDAMP17_15 Datasheet HTML 1Page - International Rectifier IRAUDAMP17_15 Datasheet HTML 2Page - International Rectifier IRAUDAMP17_15 Datasheet HTML 3Page - International Rectifier IRAUDAMP17_15 Datasheet HTML 4Page - International Rectifier IRAUDAMP17_15 Datasheet HTML 5Page - International Rectifier IRAUDAMP17_15 Datasheet HTML 6Page - International Rectifier IRAUDAMP17_15 Datasheet HTML 7Page - International Rectifier IRAUDAMP17_15 Datasheet HTML 8Page - International Rectifier IRAUDAMP17_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.irf.com
Page 4 of 13
IRAUDAMP17 REV 1.1
Residual Noise
220
V
IHF-A weighted, AES-17 filter
Channel Efficiency
96%
Single-channel driven,100W Class D
stage
*Need to change components as below to achieve 30V~42V power supply voltage range without heatsink
With Heatsink
Without Heatsink
Power Supply Voltage Range
40~52V
30~42V
R7~R10
390Ω
240Ω
Z5
36V
27V
Connection Setup
Fig 1 Typical Test Setup
Connector Description
Audio IN
CN1
Analog input for CH1 and CH2
POWER
P3
Single supply
CH1 OUT
P1
Output for CH1
CH2 OUT
P2
Output for CH2
CN1
P1
P2
P3
CH1
Output
CH2
Output
Audio
Input
40-52V
*, 3A DC supply
4 Ohm
4 Ohm
Audio Signal Generator
IR4302
SW1
250W, Non-inductive Resistors
SW1:PWM Shutdown/MUTE
Power
Indicator
FAULT
Indicator
CLIP
Indicator
* Without heatsink Power supply
voltage range is 30~42V


Similar Part No. - IRAUDAMP17_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP1 IRF-IRAUDAMP1 Datasheet
3Mb / 22P
   High Power Class D Audio Power Amplifier using IR2011S
IRAUDAMP10 IRF-IRAUDAMP10 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11_15 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP17_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP19 IRF-IRAUDAMP19_15 Datasheet
804Kb / 14P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP18 IRF-IRAUDAMP18_15 Datasheet
505Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP16 IRF-IRAUDAMP16_15 Datasheet
855Kb / 26P
   70W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com