Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAUDAMP17 Datasheet(PDF) 11 Page - International Rectifier

Part # IRAUDAMP17
Description  100W/4 x 2 Channel Class D Audio Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP17 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRAUDAMP17 Datasheet HTML 5Page - International Rectifier IRAUDAMP17 Datasheet HTML 6Page - International Rectifier IRAUDAMP17 Datasheet HTML 7Page - International Rectifier IRAUDAMP17 Datasheet HTML 8Page - International Rectifier IRAUDAMP17 Datasheet HTML 9Page - International Rectifier IRAUDAMP17 Datasheet HTML 10Page - International Rectifier IRAUDAMP17 Datasheet HTML 11Page - International Rectifier IRAUDAMP17 Datasheet HTML 12Page - International Rectifier IRAUDAMP17 Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.irf.com
Page 11 of 13
IRAUDAMP17 REV 1.1
44 RHM10KARCT-ND
R52, R53, R56
RES 10K OHM 1/8W 5% 0805 SMD
3
Digikey
45 360-1758-ND
S1
SWITCH TOGGLE SPDT .4VA SEAL
PCB
1
Digikey
46 DDZ5V1BDICT-ND
Z1, Z2
DIODE ZENER 5.1V 500MW SOD-123
2
Digikey
47 BZT52C11-FDICT-ND
Z3
DIODE ZENER 11V 500MW SOD123
1
Digikey
48
MMSZ5263BT1GOSCT-
ND
Z4
DIODE ZENER 56V 500MW SOD-123
1
Digikey
49 BZT52C36-FDICT-ND
Z5
DIODE ZENER 36V 500MW SOD-123
1
Digikey
50 8401K-ND
1/2" Standoffs 4-40
STDOFF HEX M/F 4-40 .500"L ALUM
4
Digikey
51 H724-ND
4-40 Nut
NUT HEX 4-40 STAINLESS STEEL
4
Digikey
52 H729-ND
No. 4 Lock Washer
WASHER LOCK INTERNAL #4 SS
4
Digikey
53 BER161-ND
Thermal Pad
THERMAL PAD .020" 4X4" GAPPAD
1/6
Digikey
IRAUDAMP17 Heatsink
Fig11
PCB Specifications
PCB:
1. Two Layers SMT PCB with through holes
2. 1/16 thickness
3. 2/0 OZ Cu
4. FR4 material
5. 10 mil lines and spaces
6. Solder Mask to be Green enamel EMP110 DBG (CARAPACE) or Enthone Endplate
DSR-3241or equivalent.
7. Silk Screen to be white epoxy non conductive per IPC–RB 276 Standard.
8. All exposed copper must finished with TIN-LEAD Sn 60 or 63 for 100u inches thick.
9. Tolerance of PCB size shall be 0.010 –0.000 inches
10. Tolerance of all Holes is -.000 + 0.003”
11. PCB acceptance criteria as defined for class II PCB’S standards.


Similar Part No. - IRAUDAMP17

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP1 IRF-IRAUDAMP1 Datasheet
3Mb / 22P
   High Power Class D Audio Power Amplifier using IR2011S
IRAUDAMP10 IRF-IRAUDAMP10 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
IRAUDAMP11 IRF-IRAUDAMP11_15 Datasheet
802Kb / 35P
   120W x 3 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP17

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP19 IRF-IRAUDAMP19_15 Datasheet
804Kb / 14P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP18 IRF-IRAUDAMP18_15 Datasheet
505Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP16 IRF-IRAUDAMP16_15 Datasheet
855Kb / 26P
   70W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
   120W x 4 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com