Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3514 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3514
Description  Upstream CATV Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3514 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3514 Datasheet HTML 7Page - Maxim Integrated Products MAX3514 Datasheet HTML 8Page - Maxim Integrated Products MAX3514 Datasheet HTML 9Page - Maxim Integrated Products MAX3514 Datasheet HTML 10Page - Maxim Integrated Products MAX3514 Datasheet HTML 11Page - Maxim Integrated Products MAX3514 Datasheet HTML 12Page - Maxim Integrated Products MAX3514 Datasheet HTML 13Page - Maxim Integrated Products MAX3514 Datasheet HTML 14Page - Maxim Integrated Products MAX3514 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Upstream CATV Amplifiers
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(Typical operating circuit; VCC = +5V, VIN = +34dBmV, TXEN = SHDN = high, fIN = 20MHz, ZLOAD = 75
Ω, TA = +25°C, unless
otherwise noted.)
MAX3514/MAX3517 (continued)
-80
-70
-75
-60
-65
-55
-50
030
40
10
20
50
60
70
2ND HARMONIC DISTORTION
vs. INPUT FREQUENCY
INPUT FREQUENCY (MHz)
6dBmV, LN
20dBmV, LN
50dBmV, HP
61dBmV, HP
-80
-70
-75
-60
-65
-55
-50
030
40
10
20
50
60
70
3RD HARMONIC DISTORTION
vs. INPUT FREQUENCY
INPUT FREQUENCY (MHz)
6dBmV, LN
20dBmV, LN
50dBmV, HP
61dBmV, HP
0.1
0
140
80
40
POWER-UP/DOWN TRANSIENTS
vs. GAIN CODE
1
10
100
GAIN CODE
20
60
100
120
HIGH-POWER MODE
LOW-NOISE MODE
0
-16
1
10
100
OUTPUT RETURN LOSS vs. FREQUENCY
(75
Ω SYSTEM)
-12
-14
FREQUENCY (MHz)
-8
-10
-6
-4
-2
HIGH-POWER MODE
LOW-NOISE MODE/
TRANSMIT DISABLE
OUTPUT IMPEDANCE
(75
Ω SYSTEM)
LOW NOISE MODE/
TRANSMIT DISABLE MODE
HIGH-POWER MODE
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
500kHz/div
OUTPUT SPECTRUM
VOUT = 61dBmV
α = 0.25
1280ksps
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
100kHz/div
OUTPUT SPECTRUM
VOUT = 61dBmV
α = 0.25
160ksps
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
5.5MHz/div
OUTPUT SPECTRUM
VOUT = 61dBmV
α = 0.25
1280ksps


Similar Part No. - MAX3514

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX351 MAXIM-MAX351 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX3510 MAXIM-MAX3510 Datasheet
138Kb / 12P
   Upstream CATV Amplifier
Rev 2; 8/99
MAX3510 MAXIM-MAX3510 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
   Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
More results

Similar Description - MAX3514

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S518324-44Z RFMD-S518324-44Z Datasheet
162Kb / 7P
   UPSTREAM CATV AMPLIFIER
logo
Maxim Integrated Produc...
MAX3509 MAXIM-MAX3509 Datasheet
216Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/00
MAX3510 MAXIM-MAX3510_07 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3509 MAXIM-MAX3509_05 Datasheet
213Kb / 10P
   Upstream CATV Amplifier
Rev 1; 6/05
MAX3510 MAXIM-MAX3510 Datasheet
138Kb / 12P
   Upstream CATV Amplifier
Rev 2; 8/99
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
logo
New Jersey Semi-Conduct...
BFW16A NJSEMI-BFW16A Datasheet
73Kb / 2P
   CATV-MATV AMPLIFIERS
logo
STMicroelectronics
BFW16A STMICROELECTRONICS-BFW16A Datasheet
88Kb / 4P
   CATV-MATV AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com