Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3514 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3514
Description  Upstream CATV Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3514 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3514 Datasheet HTML 1Page - Maxim Integrated Products MAX3514 Datasheet HTML 2Page - Maxim Integrated Products MAX3514 Datasheet HTML 3Page - Maxim Integrated Products MAX3514 Datasheet HTML 4Page - Maxim Integrated Products MAX3514 Datasheet HTML 5Page - Maxim Integrated Products MAX3514 Datasheet HTML 6Page - Maxim Integrated Products MAX3514 Datasheet HTML 7Page - Maxim Integrated Products MAX3514 Datasheet HTML 8Page - Maxim Integrated Products MAX3514 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Upstream CATV Amplifiers
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS—MAX3514
(MAX3514 EV kit; VCC = +4.75V to +5.25V, VGND = 0, PIN = +34dBmV, TXEN = SHDN = high, TA = -40°C to +85°C. Typical parame-
ters are at VCC = +5V, TA = +25°C, unless otherwise specified.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
D7 = 1, gain code = 125, TA = 0
°C to +85°C
26.7
27.7
28.7
D7 = 1, gain code = 110, TA = 0
°C to +85°C
19.2
20.2
21.2
D7 = 1, gain code = 87, TA = 0
°C to +85°C
7.7
8.7
9.7
D7 = 0, gain code = 115, TA = 0
°C to +85°C
6.7
7.7
8.7
D7 = 0, gain code = 100, TA = 0
°C to +85°C
-0.8
0.2
1.2
D7 = 0, gain code = 80, TA = 0
°C to +85°C
-10.8
-9.8
-8.8
D7 = 0, gain code = 60, TA = 0
°C to +85°C
-20.8
-19.8
-18.8
Voltage Gain, fIN = 5MHz
(Note 2)
AV
D7 = 0, gain code = 48, TA = 0
°C to +85°C
-27.0
-26.0
-25.0
dB
Voltage Gain, fIN = 65MHz
AV
D7 = 1, gain code = 127, TA = -40
°C to
+85
°C; Notes 3, 4
26.3
dB
VOUT = 61dBmV, fIN = 5MHz to 42MHz
(Notes 3, 4)
-0.3
-0.5
Gain Rolloff
VOUT = 61dBmV, fIN = 5MHz to 65MHz
(Notes 3, 4)
-1.0
-1.5
dB
fIN = 5MHz to 65MHz, AV = -26dB to +27dB
0.5
fIN = 5MHz to 65MHz, AV = -26dB to +27dB,
any 2-bit transition of D0, D1
0.7
1
1.3
Gain Step Size
fIN = 5MHz to 65MHz, D7 = 0,
gain code = 115; to D7 = 1, gain code = 87
0.7
1.0
1.3
dB
Transmit-Disable Mode Noise
TXEN = low, BW = 160kHz, fIN = 5MHz to
65MHz; Note 3
-71
dBmV
Isolation in Transmit-Disable
Mode
TXEN = low, fIN = 5MHz to 65MHz (Note 3)
60
dB
Transmit Mode Noise
BW = 160kHz, fIN = 5MHz to 65MHz,
AV = -26dB to +27dB; Note 3
-59
dBc
Transmit Enable Transient
Duration
TXEN input rise/fall time < 0.1µs, TA = +25
°C
(Note 3)
2
µs
Transmit Disable Transient
Duration
TXEN input rise/fall time < 0.1µs, TA = +25
°C
(Note 3)
2
µs
D7 = 1, gain code = 125 (AV = 27dB),
TA = +25
°C
30
100
Transmit Disable/Transmit Enable
Transient Step Size
D7 = 0, gain code = 100 (AV = 0.2dB),
TA = +25
°C
1
mVp-p
Input Impedance
ZIN
fIN = 5MHz to 65MHz, single ended; Note 3
1
1.5
k
Output Return Loss
fIN = 5MHz to 42MHz in 75
Ω system, D7 = 1
gain code = 125 (AV = 27dB) (Note 4)
10
dB


Similar Part No. - MAX3514

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX351 MAXIM-MAX351 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX3510 MAXIM-MAX3510 Datasheet
138Kb / 12P
   Upstream CATV Amplifier
Rev 2; 8/99
MAX3510 MAXIM-MAX3510 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
   Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
More results

Similar Description - MAX3514

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S518324-44Z RFMD-S518324-44Z Datasheet
162Kb / 7P
   UPSTREAM CATV AMPLIFIER
logo
Maxim Integrated Produc...
MAX3509 MAXIM-MAX3509 Datasheet
216Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/00
MAX3510 MAXIM-MAX3510_07 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3509 MAXIM-MAX3509_05 Datasheet
213Kb / 10P
   Upstream CATV Amplifier
Rev 1; 6/05
MAX3510 MAXIM-MAX3510 Datasheet
138Kb / 12P
   Upstream CATV Amplifier
Rev 2; 8/99
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
logo
New Jersey Semi-Conduct...
BFW16A NJSEMI-BFW16A Datasheet
73Kb / 2P
   CATV-MATV AMPLIFIERS
logo
STMicroelectronics
BFW16A STMICROELECTRONICS-BFW16A Datasheet
88Kb / 4P
   CATV-MATV AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com