Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3514EEP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3514EEP
Description  Upstream CATV Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3514EEP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3514EEP Datasheet HTML 1Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 2Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 3Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 4Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 5Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 6Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 7Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 8Page - Maxim Integrated Products MAX3514EEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The MAX3514/MAX3516/MAX3517 programmable-gain
amplifiers are designed for use in CATV upstream
applications. The MAX3514/MAX3517 drive up to
+61dBmV (QPSK) into a 75
Ω load when driven with a
+34dBmV nominal input signal. The MAX3516 drives
up to +64dBmV (QPSK). Both input and output ports
are differential, requiring that an external balun be used
at the output port. The variable gain feature provides
greater than 56dB of dynamic range, which is con-
trolled by an SPI™ 3-wire interface. Gain control is
available in 0.5dB steps. The devices operate over a
frequency range of 5MHz to 65MHz.
The MAX3514 is a pin-for-pin compatible upgrade for
the MAX3510. Like the MAX3510, the MAX3514 is inter-
nally matched for use with a 2:1 (voltage ratio) balun.
The MAX3517 utilizes an external output resistor for
greater load-matching flexibility, and offers the same
performance as the MAX3514. The MAX3516 is a high-
er power version of the MAX3514 with 3dB more gain
and output power capability, and is offered in a smaller
thermally enhanced TSSOP-EP package.
These devices operate from a single +5VDC supply and
draw 120mA during transmit (100% duty cycle,
+61dBmV out). The MAX3516 can be operated at up to
+9VDC supply for improved harmonic distortion perfor-
mance. The bias current is automatically adjusted based
on the output level to increase efficiency. Additionally,
the devices are shut off between bursts to minimize
noise and save power while still maintaining a match at
the output port. Shutdown mode disables all circuitry and
reduces current consumption to 10µA (typ).
The MAX3514/MAX3517 are available in a 20-pin QSOP
package and the MAX3516 is available in a 20-pin
TSSOP-EP package. All devices operate in the extend-
ed industrial temperature range (-40°C to +85°C).
________________________Applications
DOCSIS
/EuroDOCSIS and DVB Cable
Modems
OpenCable
 Set-Top Box
Telephony over Cable
CATV Status Monitor
Features
o Accurate Gain Control
o Gain Programmable in 0.5dB Steps
o 56dB of Gain Control Range
o -55dBc Harmonic Distortion at 65MHz Input
o Low Burst On/Off Transient
o High Efficiency:
35mA at +34dBmV Out
8mA Transmit Disable Mode
Upstream CATV Amplifiers
________________________________________________________________ Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
GND
VCC
TXEN
N.C.
GND
GND
VCC
GND
TOP VIEW
OUT+
OUT-
CEXT (N.C.)
N.C.
CS
GND
IN-
IN+
12
11
9
10
SHDN
GND
SCLK
SDA
QSOP/TSSOP-EP
MAX3514
MAX3516
MAX3517
EXPOSED
PADDLE*
( ) FOR MAX3517 ONLY
* MAX3516 ONLY
Pin Configuration
19-1826; Rev 2; 9/01
EVALUATION
KIT
AVAILABLE
Ordering Information
SPI is a trademark of Motorola Corp.
DOCSIS/EuroDOCSIS/OpenCable are trademarks of
CableLabs.
PART
TEMP RANGE
PIN-
PACKAGE
MAX3514EEP
-40°C to +85°C
20 QSOP
MAX3516EUP
-40°C to +85°C
20 TSSOP-EP*
MAX3517EEP
-40°C to +85°C
20 QSOP
Typical Operating Circuit appears at end of data sheet.
*Exposed paddle
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX3514EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX351 MAXIM-MAX351 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX3510 MAXIM-MAX3510 Datasheet
138Kb / 12P
   Upstream CATV Amplifier
Rev 2; 8/99
MAX3510 MAXIM-MAX3510 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
   Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
More results

Similar Description - MAX3514EEP

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S518324-44Z RFMD-S518324-44Z Datasheet
162Kb / 7P
   UPSTREAM CATV AMPLIFIER
logo
Maxim Integrated Produc...
MAX3509 MAXIM-MAX3509 Datasheet
216Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/00
MAX3510 MAXIM-MAX3510_07 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3509 MAXIM-MAX3509_05 Datasheet
213Kb / 10P
   Upstream CATV Amplifier
Rev 1; 6/05
MAX3510 MAXIM-MAX3510 Datasheet
138Kb / 12P
   Upstream CATV Amplifier
Rev 2; 8/99
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
   Upstream CATV Driver Amplifier
Rev 1; 6/98
logo
New Jersey Semi-Conduct...
BFW16A NJSEMI-BFW16A Datasheet
73Kb / 2P
   CATV-MATV AMPLIFIERS
logo
STMicroelectronics
BFW16A STMICROELECTRONICS-BFW16A Datasheet
88Kb / 4P
   CATV-MATV AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com