Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3485EPA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3485EPA
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3485EPA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3485EPA Datasheet HTML 1Page - Maxim Integrated Products MAX3485EPA Datasheet HTML 2Page - Maxim Integrated Products MAX3485EPA Datasheet HTML 3Page - Maxim Integrated Products MAX3485EPA Datasheet HTML 4Page - Maxim Integrated Products MAX3485EPA Datasheet HTML 5Page - Maxim Integrated Products MAX3485EPA Datasheet HTML 6Page - Maxim Integrated Products MAX3485EPA Datasheet HTML 7Page - Maxim Integrated Products MAX3485EPA Datasheet HTML 8Page - Maxim Integrated Products MAX3485EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
4
_______________________________________________________________________________________
DRIVER SWITCHING CHARACTERISTICS—MAX3483 and MAX3488
(VCC = 3.3V, TA = +25°C)
ns
50
80
tPLZ
Driver Output Disable Time from Low Level
RL = 110Ω, Figure 10
ns
700
1000
1500
tPLH
Driver Propagation Delay, Low-to-High Level
ns
400
700
1200
tTD
ns
600
900
1400
tDD
Driver Differential Output Delay
Driver Differential Output Transition Time
µs
2.2
3.0
tPSH
Driver Output Enable Time from Shutdown to High Level
µs
1.9
2.7
tPSL
Driver Output Enable Time from Shutdown to Low Level
ns
50
80
tPHZ
Driver Output Disable Time from High Level
ns
700
1000
1500
tPHL
Driver Propagation Delay, High-to-Low Level
ns
100
tPDS
|tPLH - tPHL| Driver Propagation Delay Skew (Note 2)
ns
900
1300
tPZL
Driver Output Enable Time to Low Level
ns
600
800
tPZH
Driver Output Enable Time to High Level
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RL = 27Ω, Figure 8
RL = 60Ω, Figure 7
RL = 60Ω, Figure 7
RL = 110Ω, Figure 9
RL = 110Ω, Figure 10
RL = 110Ω, Figure 9
RL = 27Ω, Figure 8
RL = 27Ω, Figure 8
RL = 110Ω, Figure 10
RL = 110Ω, Figure 9
CONDITIONS
RECEIVER SWITCHING CHARACTERISTICS
(VCC = 3.3V, TA = +25°C)
ns
25
45
tPRLZ
Receiver Output Disable
Time from Low Level
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
ns
25
65
90
ns
80
190
300
tSHDN
Time to Shutdown
ns
720
1400
tPRSH
Receiver Output Enable Time
from Shutdown to High Level
ns
720
1400
tPRSL
Receiver Output Enable Time
from Shutdown to Low Level
ns
25
45
tPRHZ
Receiver Output Disable
Time from High Level
ns
25
65
90
ns
10
ns
25
50
tPRZL
Receiver Output Enable Time
to Low Level
ns
25
50
tPRZH
Receiver Output Enable Time
to High Level
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VID = 0V to 3.0V, CL = 15pF, Figure 11
MAX3483/MAX3485/MAX3486/MAX3491 only
(Note 3)
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
VID = 0V to 3.0V, CL = 15pF, Figure 11
VID = 0V to 3.0V, CL = 15pF, Figure 11
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
CL = 15pF, Figure 12,
MAX3483/MAX3485/MAX3486/MAX3491 only
CONDITIONS
25
75
120
tRPLH
Receiver Propagation Delay,
Low-to-High Level
MAX3483/MAX3488
25
75
120
tRPHL
Receiver Propagation Delay,
High-to-Low Level
MAX3483/MAX3488
20
tRPDS
|tPLH - tPHL| Receiver
Propagation Delay Skew
MAX3483/MAX3488
Note 1:
∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 2: Measured on
|tPLH (Y) - tPHL (Y)| and |tPLH (Z) - tPHL (Z)|.
Note 3: The transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 80ns, the
parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 300ns, the parts are guaranteed to
have entered shutdown. See
Low-Power Shutdown Mode section.
DRIVER OUTPUT ENABLE/DISABLE TIMES (MAX3483 only)


Similar Part No. - MAX3485EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3485EPA MAXIM-MAX3485EPA Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3485EPA MAXIM-MAX3485EPA Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
More results

Similar Description - MAX3485EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com