Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX349EAP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX349EAP
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX349EAP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX349EAP Datasheet HTML 4Page - Maxim Integrated Products MAX349EAP Datasheet HTML 5Page - Maxim Integrated Products MAX349EAP Datasheet HTML 6Page - Maxim Integrated Products MAX349EAP Datasheet HTML 7Page - Maxim Integrated Products MAX349EAP Datasheet HTML 8Page - Maxim Integrated Products MAX349EAP Datasheet HTML 9Page - Maxim Integrated Products MAX349EAP Datasheet HTML 10Page - Maxim Integrated Products MAX349EAP Datasheet HTML 11Page - Maxim Integrated Products MAX349EAP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
8
_______________________________________________________________________________________
V
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +3.0V to +3.6V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TA = +25°C
C, E, M
270
500
C, E, M
C, E, M
100
V
V-
V+
VCOM, VNO
C, E
2.4
Analog Signal Range
TA = +25°C
-0.1
0.002
0.1
TA = +25°C
-0.2
0.002
0.2
C, E
C, E
CONDITIONS
-10
10
-10
10
V+ = 3.0V, VCOM = 1.5V,
INO = 1mA
M
-100
100
TA = +25°C
M
-100
100
TA = +25°C
-0.2
0.002
0.2
C, E
0.8
MAX349
C, E
-5
5
M
600
RON
COM-NO On-Resistance
-50
50
-0.1
0.002
0.1
nA
V+ = 3.6V,
VCOM = 0V,
VNO = 3V
SCLKHYST
MAX350
ICOM(OFF)
COM Off-Leakage Current
(Notes 4, 5)
TA = +25°C
-0.2
0.01
0.2
C, E
-10
10
M
-100
100
TA = +25°C
SCLK Input Hysteresis
-0.2
0.02
0.2
MAX349
mV
C, E
-5
5
M
VIL
VIH
MAX349
-50
50
C, E
-5
5
M
-50
50
V+ = 3.6V,
VCOM = VNO = 3V
nA
MAX350
V+ = 3.6V,
VCOM = 3V,
VNO = 0V
ICOM(ON)
COM On-Leakage Current
(Notes 4, 5)
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold Low
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold High
V
V
C, E
-1
0.03
1
C, E, M
2.8
V+
C, E, M
MAX350
0
0.4
UNITS
MIN
TYP
MAX
(Note 1)
SYMBOL
PARAMETER
IDOUT = -1.6mA
IDOUT = 0.1mA
VDIN, VSCLK,
VCS = 0.8V or 2.4V
VDOUT
VDOUT
IIH, IIL
DOUT Output Voltage Logic Low
DOUT Output Voltage Logic High
DIN, SCLK, CS, RESET Input
Current Logic High or Low
V
V
µA
C, E, M
30
DIN = CS = SCLK = 0V or V+,
RESET = 0V or 5V
I+
V+ Supply Current
µA
TA = +25°C
620
DIGITAL I/O
ANALOG SWITCH
POWER SUPPLY


Similar Part No. - MAX349EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3490 MAXIM-MAX3490 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3490AE MAXIM-MAX3490AE Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3490AEGSA++ MAXIM-MAX3490AEGSA+ Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3490AEGSA++ MAXIM-MAX3490AEGSA+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3490C/D MAXIM-MAX3490C/D Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results

Similar Description - MAX349EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
   Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX382 MAXIM-MAX382 Datasheet
106Kb / 12P
   Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
19-0396; Rev. 0; 5/95
logo
Analog Devices
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
logo
Maxim Integrated Produc...
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com