Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAUDAMP22 Datasheet(PDF) 6 Page - International Rectifier

Part # IRAUDAMP22
Description  50W/2 x 2 Channel Class D Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP22 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAUDAMP22 Datasheet HTML 2Page - International Rectifier IRAUDAMP22 Datasheet HTML 3Page - International Rectifier IRAUDAMP22 Datasheet HTML 4Page - International Rectifier IRAUDAMP22 Datasheet HTML 5Page - International Rectifier IRAUDAMP22 Datasheet HTML 6Page - International Rectifier IRAUDAMP22 Datasheet HTML 7Page - International Rectifier IRAUDAMP22 Datasheet HTML 8Page - International Rectifier IRAUDAMP22 Datasheet HTML 9Page - International Rectifier IRAUDAMP22 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.irf.com
Page 6 of 22
IRAUDAMP22 REV 1.0
Test Procedures
Test Setup:
1. Connect 2
-250 W dummy loads to output connectors (J3 and J4 as shown on
Figure 1) and parallel it with input of Audio Precision analyzer (AP).
2.
Connect Audio Signal Generator to J6 and J5 for CH1 and CH2 respectively (Ap).
3. Set up the dual power supply with voltages of ±12V~±13.5V (up to ±19V with
heatsink); set current limit to 5A.
4. Set switch S1 to middle position (self oscillating).
5. Set volume level knob R130 fully counter-clockwise (minimum volume).
6. Connect the dual power supply to J7. as shown on Figure 1
Power up:
7. Turn ON the dual power supply. The ±B supplies must be applied and removed at
the same time.
8. Red LED (Protection) should turn on almost immediately and turn off after about 3s.
9. Green LED (Normal) then turns on after red LED is extinguished and should stay on.
10. Quiescent current for the positive supply should be 55mA
10mA at +13.5V.
11. Quiescent current for the negative supply should be 65mA
10mA at –13.5V.
12. Push S3 switch (Trip and Reset push-button) to restart the sequence of LEDs
indicators, which should be the same as noted above in steps 9-10.
Functionality Audio Tests:
13. Apply 1V RMS at 1 kHz sinusoidal signal from the Audio Signal Generator.
14. Turn control volume up (R130 clock-wise) to obtain an output reading of 37Watts.
15. For all subsequent tests as shown on the Audio Precision graphs below (Figure 3-
Figure12), the measurements are taken across J3 and J4 with an AES-17 Filter.
Observe that a 1 VRMS input generates an output around THD+N=1% power level.
16. Sweep the audio signal voltage from 15 mVRMS to 1 VRMS.
17. Monitor the output signals at J3/J4 with an oscilloscope. The waveform must be a
non distorted sinusoidal signal with input signal below 1Vrms.


Similar Part No. - IRAUDAMP22

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier Using the IR4322
More results

Similar Description - IRAUDAMP22

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier Using the IR4322
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
logo
Sanyo Semicon Device
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
logo
International Rectifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Princeton Technology Co...
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
   15W x 2, Class-D Audio Power Amplifier
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
   2.2W x 2 Class-D Audio Power Amplifier
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
   22W x 2, Class-D Audio Power Amplifier
logo
International Rectifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
   130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP15 IRF-IRAUDAMP15_15 Datasheet
524Kb / 13P
   35W/4 x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com