Electronic Components Datasheet Search |
|
FU-68PDF-V510M199B Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor |
|
FU-68PDF-V510M199B Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor |
2 / 5 page MITSUBISHI (OPTICAL DEVICES) FU-68PDF-V510MxxxB 1.58 µm (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=25 °C unless otherwise noted) Parameter Symbol Test Conditions Limits Unit Min. Typ. Max. Threshold current Ith CW - 10 25 mA Operating current Iop CW, Pf=10mW - - 100 mA Operating voltage Vop CW, Pf=10mW - - 1.8 V Input impedance Zin Pf=10mW - 25 - Ω Light-emission central wavelength λc CW, Pf=10mW (Note 1) nm Central wavelength drift with case temp. ∆λc/∆Tc Tc=-20~70°C -1 - 0 pm/ °C Laser operating temperature Tset - 20 - 35 °C Spectral line width ∆f CW, Pf=10mW - - 20 MHz Side mode suppression ratio Sr CW, Pf=10mW 33 40 - dB Cutoff frequency (-1.5dB optical) fc Pf=10mW 2 - - GHz Polarization extinction ratio Ex CW, Pf=10mW 20 25 - dB Relative intensity noise Nr CW, Pf=10mW, 0.5~3GHz - -155 -145 dB/Hz Tracking error (Note 2) Er Tc=-20~70 °C, APC, ATC - - 0.5 dB Differential efficiency η CW, Pf=10mW 0.1 - - mW/ mA Monitor current Imon CW, Pf=10mW, Vrd=5V 0.2 - 2 mA Tc=25°C 35 - - Optical isolation Iso Tc=-20~70 °C 23 - - dB Dark current (PD) Id Vrd=5V, Tc=-20~70 °C - - 0.1 µA Capacitance (PD) Ct Vrd=5V, f=1MHz - - 10 pF Note 1) See Table 1. Note 2) Er=max|10 ×log(Pf / Pf@25°C)| |
Similar Part No. - FU-68PDF-V510M199B |
|
Similar Description - FU-68PDF-V510M199B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |