Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX352CSE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX352CSE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX352CSE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX352CSE Datasheet HTML 4Page - Maxim Integrated Products MAX352CSE Datasheet HTML 5Page - Maxim Integrated Products MAX352CSE Datasheet HTML 6Page - Maxim Integrated Products MAX352CSE Datasheet HTML 7Page - Maxim Integrated Products MAX352CSE Datasheet HTML 8Page - Maxim Integrated Products MAX352CSE Datasheet HTML 9Page - Maxim Integrated Products MAX352CSE Datasheet HTML 10Page - Maxim Integrated Products MAX352CSE Datasheet HTML 11Page - Maxim Integrated Products MAX352CSE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Precision, Quad, SPST Analog Switches
10
______________________________________________________________________________________
PART
TEMP. RANGE
PIN-PACKAGE
MAX352CPE
0°C to +70°C
16 Plastic DIP
MAX352CSE
0°C to +70°C
16 Narrow SO
MAX352C/D
0°C to +70°C
Dice*
MAX352EPE
-40°C to +85°C
16 Plastic DIP
MAX352ESE
-40°C to +85°C
16 Narrow SO
MAX352EJE
-40°C to +85°C
16 CERDIP
MAX352MJE
-55°C to +125°C
16 CERDIP
MAX353CPE
0°C to +70°C
16 Plastic DIP
MAX353CSE
0°C to +70°C
16 Narrow SO
MAX353C/D
0°C to +70°C
Dice*
MAX353EPE
-40°C to +85°C
16 Plastic DIP
MAX353ESE
-40°C to +85°C
16 Narrow SO
MAX353EJE
-40°C to +85°C
16 CERDIP
MAX353MJE
-55°C to +125°C
16 CERDIP
__Ordering Information (continued)
___________________Chip Topography
D
B
COM3
0.097"
(2.46mm)
0.080"
(2.03mm)
V-
GND
COM4
IN4
IN3
VL
V+
C
COM1
IN1
IN2
A
COM2
* Contact factory for dice specifications.
TRANSISTOR COUNT: 136;
SUBSTRATE CONNECTED TO V+.
A
B
C
D
A
B
C
D
A
B
C
D
MAX351
MAX352
MAX353
PIN
NAME
NAME
NAME
PIN
PIN
NC
NC
NC
NC
NO
NO
NO
NO
NO
NO
NC
NC


Similar Part No. - MAX352CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX352 MAXIM-MAX352 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX3521 MAXIM-MAX3521 Datasheet
422Kb / 11P
   Easy Evaluation of the MAX3521
Rev 1; 6/16
MAX3521 MAXIM-MAX3521 Datasheet
422Kb / 11P
   All Critical Peripheral Components Included
Rev 1; 6/16
MAX3521EVKIT MAXIM-MAX3521EVKIT Datasheet
422Kb / 11P
   All Critical Peripheral Components Included
Rev 1; 6/16
MAX3522B MAXIM-MAX3522B Datasheet
2Mb / 9P
   All Critical Peripheral Components Included
Rev 0; 5/17
More results

Similar Description - MAX352CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com