Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3488CPA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3488CPA
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3488CPA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3488CPA Datasheet HTML 2Page - Maxim Integrated Products MAX3488CPA Datasheet HTML 3Page - Maxim Integrated Products MAX3488CPA Datasheet HTML 4Page - Maxim Integrated Products MAX3488CPA Datasheet HTML 5Page - Maxim Integrated Products MAX3488CPA Datasheet HTML 6Page - Maxim Integrated Products MAX3488CPA Datasheet HTML 7Page - Maxim Integrated Products MAX3488CPA Datasheet HTML 8Page - Maxim Integrated Products MAX3488CPA Datasheet HTML 9Page - Maxim Integrated Products MAX3488CPA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
6
_______________________________________________________________________________________
0.8
0.7
0.9
1.0
1.1
1.2
-40
-20
0
20
40
60
100
80
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
X = DON’T CARE
DE = VCC, RE = X
DE = 0, RE = 0
_____________________________Typical Operating Characteristics (continued)
0
10
20
30
40
50
60
70
80
100
90
-40
-20
0
20
40
60
100
80
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
______________________________________________________________Pin Description
3
4
5
6
8
7
1
MAX3483/
MAX3485/
MAX3486
2
1
2
3
4
5
6
7
8
2
Receiver Output. If A > B by 200mV, RO will be high; if A < B by 200mV,
RO will be low.
3
Receiver Output Enable. RO is enabled when RE is low; RO is high imped-
ance when RE is high. If RE is high and DE is low, the device will enter a
low-power shutdown mode.
4
Driver Output Enable. The driver outputs are enabled by bringing DE high.
They are high impedance when DE is low. If RE is high and DE is low, the
device will enter a low-power shutdown mode. If the driver outputs are
enabled, the parts function as line drivers. While they are high impedance,
they function as line receivers if RE is low.
5
Driver Input. A low on DI forces output Y low and output Z high. Similarly, a
high on DI forces output Y high and output Z low.
6, 7
Ground
9
Noninverting Driver Output
10
Inverting Driver Output
Noninverting Receiver Input and Noninverting Driver Output
12
Noninverting Receiver Input
RO
RE
DE
DI
GND
Y
Z
A
A
B
Inverting Receiver Input and Inverting Driver Output
11
B
Inverting Receiver Input
13, 14
VCC
Positive Supply: 3.0V
≤ VCC ≤ 3.6V
1, 8
N.C.
No Connect—not internally connected
MAX3488/
MAX3490
PIN
FUNCTION
MAX3491
FUNCTION
NAME
NAME


Similar Part No. - MAX3488CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3488AE MAXIM-MAX3488AE Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3488AEGSA++ MAXIM-MAX3488AEGSA+ Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3488AEGSA++ MAXIM-MAX3488AEGSA+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3488E MAXIM-MAX3488E Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3488ECPA MAXIM-MAX3488ECPA Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
More results

Similar Description - MAX3488CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com