Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3667 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3667
Description  3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3667 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3667 Datasheet HTML 1Page - Maxim Integrated Products MAX3667 Datasheet HTML 2Page - Maxim Integrated Products MAX3667 Datasheet HTML 3Page - Maxim Integrated Products MAX3667 Datasheet HTML 4Page - Maxim Integrated Products MAX3667 Datasheet HTML 5Page - Maxim Integrated Products MAX3667 Datasheet HTML 6Page - Maxim Integrated Products MAX3667 Datasheet HTML 7Page - Maxim Integrated Products MAX3667 Datasheet HTML 8Page - Maxim Integrated Products MAX3667 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
+3.3V, 622Mbps SDH/SONET Laser Driver
with Automatic Power Control
_______________________________________________________________________________________
5
10
1k
100
100k
10k
100G
10G
1G
1pF
100pF
10nF
1
µF
100
µF
APC BANDWIDTH vs. CCOMP
(VARYING MONITOR-TO-LASER
CURRENT GAIN)
CCOMP
MEASURED RESULTS
GAIN = 90
GAIN = 30
GAIN = 60
SIMULATED
RESULTS
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, VCC = +3.3V, unless otherwise noted.)
80
100
90
120
110
130
160
140
150
-40
-15
10
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
EXCLUDING IBIAS
RMODSET = RBIASSET = 2kΩ
10
Ω LOAD
VCC = +5.0V
VCC = +3.3V
______________________________________________________________Pin Description
NAME
FUNCTION
1, 2, 23, 24
VCC
Supply Voltage Input
3, 6, 8, 13, 14,
15, 18, 20, 22
GND
Ground
PIN
4
IN+
Positive PECL-Compatible Input
5
IN-
Negative PECL-Compatible Input
11
APC
Feedback Current for Closed-Loop Laser-Diode Bias Control
10
MODSET
Adjustment for Laser-Diode Modulation Current
9, 26, 28, 31
N.C.
No Connection
7
DISABLE
Disable Input. High = disable, TTL-compatible input.
25
MD
Input for PIN Monitor Diode Current
19, 21
IMOD
Laser-Diode Modulation Current
17
PULLUP
VCC Supply for Internal 31Ω Pull-Up Resistor
16
IBIAS
Laser-Diode DC Bias Current
12
BIASSET
Open-Loop Adjustment for Laser-Diode Bias Current
32
COMP
External Compensation Capacitor for Closed-Loop Laser-Diode Bias Current Control Stability
30
MODMON
IMOD Current Monitor (gain = 1/33 IQMOD). Open PNP collector, connect to ground if not used.
29
BIASMON
IBIAS Current Monitor (gain = 1/38 IBIAS). Open PNP collector, connect to ground if not used.
27
APCSET
Closed-Loop Adjustment for Laser-Diode Bias Current


Similar Part No. - MAX3667

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667E/D MAXIM-MAX3667E/D Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3667ECJ MAXIM-MAX3667ECJ Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
More results

Similar Description - MAX3667

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
MAX3663 MAXIM-MAX3663 Datasheet
271Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
MAX3669 MAXIM-MAX3669_V01 Datasheet
297Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
2013
MAX3669 MAXIM-MAX3669_05 Datasheet
666Kb / 15P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 5; 2/05
MAX3669 MAXIM-MAX3669 Datasheet
758Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
19-1575; Rev 0; 10/99
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com