Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3488CSA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3488CSA
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3488CSA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3488CSA Datasheet HTML 3Page - Maxim Integrated Products MAX3488CSA Datasheet HTML 4Page - Maxim Integrated Products MAX3488CSA Datasheet HTML 5Page - Maxim Integrated Products MAX3488CSA Datasheet HTML 6Page - Maxim Integrated Products MAX3488CSA Datasheet HTML 7Page - Maxim Integrated Products MAX3488CSA Datasheet HTML 8Page - Maxim Integrated Products MAX3488CSA Datasheet HTML 9Page - Maxim Integrated Products MAX3488CSA Datasheet HTML 10Page - Maxim Integrated Products MAX3488CSA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
_______________________________________________________________________________________
7
MAX3483
MAX3485
MAX3486
TOP VIEW
NOTE: PIN LABELS Y AND Z ON TIMING, TEST, AND WAVEFORM DIAGRAMS REFER TO PINS A AND B WHEN DE IS HIGH.
1
2
3
4
8
5
VCC
GND
DI
DE
RE
RO
R
D
Rt
Rt
7
6
D
R
DE
RE
DI
RO
A
B
1
2
3
4
8
7
6
5
VCC
B
A
GND
DI
DE
RE
RO
DIP/SO
R
D
B
A
MAX3488
MAX3490
TOP VIEW
1
2
3
4
RO
DI
GND
8
7
6
5
A
B
Z
Y
VCC
DIP/SO
R
D
Rt
Rt
VCC
5
6
7
8
RO
DI
GND
4
GND
DI
RO
3
2
A
B
Y
Z
VCC
DR
R
D
1
MAX3491
DIP/SO
TOP VIEW
Rt
Rt
DE
VCC
RE GND
VCC RE
GND
DE
RO
DI
9
10
12
11
B
A
Z
Y
5
RO
N.C.
DI
2
1, 8
3
6, 7
13, 14
4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
VCC
N.C.
A
B
Z
Y
N.C.
RO
RE
DE
DI
GND
GND
R
D
D
RD
R
Figure 2. MAX3488/MAX3490 Pin Configuration and Typical Operating Circuit
Figure 3. MAX3491 Pin Configuration and Typical Operating Circuit
Figure 1. MAX3483/MAX3485/MAX3486 Pin Configuration and Typical Operating Circuit


Similar Part No. - MAX3488CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3488AE MAXIM-MAX3488AE Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3488AEGSA++ MAXIM-MAX3488AEGSA+ Datasheet
939Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3488AEGSA++ MAXIM-MAX3488AEGSA+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3488E MAXIM-MAX3488E Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3488ECPA MAXIM-MAX3488ECPA Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
More results

Similar Description - MAX3488CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com