Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7N1405 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7N1405
Description  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7N1405 Datasheet(HTML) 3 Page - International Rectifier

  IRF7N1405 Datasheet HTML 1Page - International Rectifier IRF7N1405 Datasheet HTML 2Page - International Rectifier IRF7N1405 Datasheet HTML 3Page - International Rectifier IRF7N1405 Datasheet HTML 4Page - International Rectifier IRF7N1405 Datasheet HTML 5Page - International Rectifier IRF7N1405 Datasheet HTML 6Page - International Rectifier IRF7N1405 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
IRF7N1405
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
15
-60 -40 -20 0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
55A
44.555.566.5
7
VGS, Gate-to-Source Voltage (V)
10
100
1000
VDS = 25V
20
µs PULSE WIDTH
TJ = 150°C
TJ = 25°C
0.1
1
10
100
VDS , Drain-to-Source Voltage (V)
10
100
1000
20
µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
4.5V
0.1
1
10
100
VDS , Drain-to-Source Voltage (V)
10
100
1000
20
µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
4.5V


Similar Part No. - IRF7N1405

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7N1405 IRF-IRF7N1405 Datasheet
141Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
More results

Similar Description - IRF7N1405

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com